Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2990CMS Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2990CMS
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2990CMS Datasheet(HTML) 4 Page - Analog Devices

  LTC2990CMS Datasheet HTML 1Page - Analog Devices LTC2990CMS Datasheet HTML 2Page - Analog Devices LTC2990CMS Datasheet HTML 3Page - Analog Devices LTC2990CMS Datasheet HTML 4Page - Analog Devices LTC2990CMS Datasheet HTML 5Page - Analog Devices LTC2990CMS Datasheet HTML 6Page - Analog Devices LTC2990CMS Datasheet HTML 7Page - Analog Devices LTC2990CMS Datasheet HTML 8Page - Analog Devices LTC2990CMS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC2990
4
Rev. F
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to test.
Note 3: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Trimmed to an ideality factor of 1.004 at 25°C. Remote diode
temperature drift (TUE) verified at diode voltages corresponding to
the temperature extremes with the LTC2990 at 25°C. Remote diode
temperature drift (TUE) guaranteed by characterization over the LTC2990
operating temperature range.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU,STA(MIN)
Minimum Repeated Start Condition Set-Up
Time
600
ns
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
600
ns
tHD,DATI(MIN)
Minimum Data Hold Time Input
0
ns
tHD,DATO(MIN)
Minimum Data Hold Time Output
300
900
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time Input
100
ns
tSP(MAX)
Maximum Suppressed Spike Pulse Width
50
250
ns
CX
SCL, SDA Input Capacitance
10
pF
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com