Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM134 Datasheet(PDF) 3 Page - Analog Devices

Part # LM134
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM134 Datasheet(HTML) 3 Page - Analog Devices

  LM134 Datasheet HTML 1Page - Analog Devices LM134 Datasheet HTML 2Page - Analog Devices LM134 Datasheet HTML 3Page - Analog Devices LM134 Datasheet HTML 4Page - Analog Devices LM134 Datasheet HTML 5Page - Analog Devices LM134 Datasheet HTML 6Page - Analog Devices LM134 Datasheet HTML 7Page - Analog Devices LM134 Datasheet HTML 8Page - Analog Devices LM134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC2990
3
Rev. F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOFFSET_DIFF
Differential Offset
V1 = V2 = VCC, V3 = V4 = 0V
–12.5
0
12.5
LSB
VOFFSET_SE
Single-Ended Offset
V1, V2, V3, V4 = 0V
–6
0
6
LSB
VDIFF(CMR)
Differential Voltage Common Mode Range
l
0
VCC
V
VLSB(DIFF)
Differential Voltage LSB Weight
19.42
µV
VLSB(SINGLE-ENDED) Single-Ended Voltage LSB Weight
305.18
µV
VLSB(TEMP)
Temperature LSB Weight
Celsius or Kelvin
0.0625
Deg
TNOISE
Temperature Noise
Celsius or Kelvin
TMEAS = 46ms (Note 2)
0.2
0.05
°RMS
°/√Hz
Res
Resolution (No Missing Codes)
(Note 2)
l
14
Bits
INL
Integral Nonlinearity
2.9V ≤ VCC ≤ 5.5V, VIN(CM) = 1.5V
(Note 2)
Single-Ended
Differential
l
–2
–2
2
2
LSB
LSB
CIN
V1 Through V4 Input Sampling
Capacitance
(Note 2)
0.35
pF
IIN(AVG)
V1 Through V4 Input Average Sampling
Current
0V ≤ VN ≤ 3V (Note 2)
0.6
µA
IDC_LEAK(VIN)
V1 Through V4 Input Leakage Current
0V ≤ VN ≤ VCC
l
–10
10
nA
Measurement Delay
TINT, TR1, TR2
Per Configured Temperature Measurement (Note 2)
l
37
46
55
ms
V1, V2, V3, V4
Single-Ended Voltage Measurement
(Note 2) Per Voltage, Two Minimum l
1.2
1.5
1.8
ms
V1 – V2, V3 – V4
Differential Voltage Measurement
(Note 2)
l
1.2
1.5
1.8
ms
VCC
VCC Measurement
(Note 2)
l
1.2
1.5
1.8
ms
Max Delay
Mode[4:0] = 11101, TINT, TR1, TR2, VCC
(Note 2)
l
167
ms
V1, V3 Output (Remote Diode Mode Only)
IOUT
Output Current
Remote Diode Mode
l
260
350
µA
VOUT
Output Voltage
l
0
VCC
V
I2C Interface
VADR(L)
ADR0, ADR1 Input Low Threshold Voltage Falling
l
0.3 • VCC
V
VADR(H)
ADR0, ADR1 Input High Threshold Voltage Rising
l
0.7 • VCC
V
VOL1
SDA Low Level Maximum Voltage
IO = –3mA, VCC = 2.9V to 5.5V
l
0.4
V
VIL
Maximum Low Level Input Voltage
SDA and SCL Pins
l
0.3 • VCC
V
VIH
Minimum High Level Input Voltage
SDA and SCL Pins
l
0.7 • VCC
V
ISDAI,SCLI
SDA, SCL Input Current
0 < VSDA,SCL < VCC
l
±1
µA
IADR(MAX)
Maximum ADR0, ADR1 Input Current
ADR0 or ADR1 Tied to VCC or GND l
±1
µA
I2C Timing (Note 2)
fSCL(MAX)
Maximum SCL Clock Frequency
400
kHz
tLOW
Minimum SCL Low Period
1.3
µs
tHIGH
Minimum SCL High Period
600
ns
tBUF(MIN)
Minimum Bus Free Time Between Stop/
Start Condition
1.3
µs
tHD,STA(MIN)
Minimum Hold Time After (Repeated)
Start Condition
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com