Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6948 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 2 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC5594
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage (Note 23) ................... –0.3V to 5.5V
OVDD, SDO Voltage (Note 20) ................... –0.3V to 3.8V
RF DC Voltage..............................................1.5V to 2.0V
LOP, LOM DC Voltage ..................................2.1V to 2.8V
IFIM, IFIP, IFQP, IFQM DC Voltage............. –0.3V to 3.5V
AIM, AIP, AQM, AQP
DC Voltage........................... VCC – 1.7V to VCC – 1.2V
MIM, MIP, MQM, MQP
DC Voltage........................... VCC – 1.7V to VCC – 1.2V
Voltage on Any Other Pin.......................... –0.3V to 5.5V
LOP, LOM, RF Input Power (Note 19).................+20dBm
Output Short Circuit Duration (Notes 16, 19) ... Indefinite
Maximum Junction Temperature (TJMAX)............. 150°C
Case Operating Temperature
Range (TC)......................................... –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32 31 30 29 28 27
9 10 11
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJC = 7.7°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
12 13 14
6
5
4
3
2
1
19
20
21
22
23
24
GND
TEMP
GND
RF
GND
VCM
EN
GND
OVDD
SCK
SDI
SDO
LOM
LOP
VCC
CSB
7
8
15 16
18
17
26 25
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5594IUH#PBF
LTC5594IUH#TRPBF
5594
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com