Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6946 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6946
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6946 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6946 Datasheet HTML 17Page - Analog Devices LTC6946 Datasheet HTML 18Page - Analog Devices LTC6946 Datasheet HTML 19Page - Analog Devices LTC6946 Datasheet HTML 20Page - Analog Devices LTC6946 Datasheet HTML 21Page - Analog Devices LTC6946 Datasheet HTML 22Page - Analog Devices LTC6946 Datasheet HTML 23Page - Analog Devices LTC6946 Datasheet HTML 24Page - Analog Devices LTC6946 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC5556
21
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 14. SPI Block Diagram
Figure 15. SPI Timing Diagram
5556 F14
SDI
CLK
CSB
(LSB)
D0
D1
VDD
(MSB)
D15
D
Q
D
Q
D
Q
D
Q
RB
SDO
16-BIT LATCH
POR
D[7:0]
(CH 1)
D[15:8]
(CH 2)
RB
RB
RB
RB
•
•
•
D0
D15
5556 F15
CLK
SDI
tENABLE
tDELAY
tRISE,FALL
tHOLD
tDISABLE
tHOLD(CSB)
tSETUP
tSETUP(CSB)
SDO
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com