Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2172 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPA2172
Description  ISM Band 3.6V, 250mW AMP with Analog Gain Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA2172 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPA2172 Datasheet HTML 1Page - Qorvo, Inc RFPA2172 Datasheet HTML 2Page - Qorvo, Inc RFPA2172 Datasheet HTML 3Page - Qorvo, Inc RFPA2172 Datasheet HTML 4Page - Qorvo, Inc RFPA2172 Datasheet HTML 5Page - Qorvo, Inc RFPA2172 Datasheet HTML 6Page - Qorvo, Inc RFPA2172 Datasheet HTML 7Page - Qorvo, Inc RFPA2172 Datasheet HTML 8Page - Qorvo, Inc RFPA2172 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Revision DS20170508
1 of 12
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 12
RFMD + TriQuint = Qorvo
RFPA2172
ISM Band 3.6V, 250mW AMP with
Analog Gain Control
The RFPA2172 is a medium-power high efficiency amplifier IC targeting
3.6 V handheld systems. The device is manufactured on an advanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and
has been designed for use as the final RF amplifier in 2.45 GHz
Bluetooth applications and frequency hopping/direct sequence spread-
spectrum cordless telephones or other applications in the 902 MHz to
928 MHz ISM band. The device is packaged in a compact 4 mm x 4 mm
QFN. The device features analog gain control to optimize transmit
power while maximizing battery life in portable equipment requiring up to
100 mW transmit power at the antenna port.
2
3
4
1
13
15
16
14
5
9
7
6
8
12
11
10
Bias
GND
GND
GND
RF OUT
RF OUT
RF IN
Functional Block Diagram
Ordering Information
RFPA2172
Standard 25 piece bag
RFPA2172SR
Standard 100 piece reel
RFPA2172TR13
Standard 2500 piece reel
RFPA2172TR13-5K
Standard 5000 piece reel
RFPA2172PCK-410
Fully assembled evaluation board tuned for
902MHz to 928MHz with 5 piece bag
RFPA2172PCK-411
Fully assembled evaluation board tuned for
2.4GHz to 2.5GHz with 5 piece bag
Package: QFN, 16-pin,
4.0mm x 4.0mm
Features
■
23.5dBm Typical Output Power
■
0dB to 28dB Variable Gain
■
45% Efficiency at Max Output
■
On-Board Power Down Mode
■
2.4GHz to 2.5GHz Operation
■
902MHz to 928MHz Operation
Applications
■
Bluetooth™ PA
■
2.4GHz to 2.5GHz ISM Band
Systems
■
902MHz to 928MHz ISM Band
Systems
■
3.6V Spread-Spectrum Cordless
Phones
■
Portable Battery-Powered
Equipment
■
Spread-Spectrum Systems
RFPA2172


Similar Part No. - RFPA2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2172 RFMD-RFPA2172 Datasheet
296Kb / 10P
0dB to 28dB Variable Gain
More results

Similar Description - RFPA2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
RF Micro Devices
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com