Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8516 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM8516
Description  5.0 GHz Wi-Fi Front-End Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM8516 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM8516 Datasheet HTML 1Page - Qorvo, Inc RFFM8516 Datasheet HTML 2Page - Qorvo, Inc RFFM8516 Datasheet HTML 3Page - Qorvo, Inc RFFM8516 Datasheet HTML 4Page - Qorvo, Inc RFFM8516 Datasheet HTML 5Page - Qorvo, Inc RFFM8516 Datasheet HTML 6Page - Qorvo, Inc RFFM8516 Datasheet HTML 7Page - Qorvo, Inc RFFM8516 Datasheet HTML 8Page - Qorvo, Inc RFFM8516 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RFFM8516
5.0 GHz Wi-Fi Front-End Module
RFFM8516 Data Sheet | Subject to change without notice
4 of 13
www.qorvo.com
Electrical Specifications
– 5.0 GHz Receive
(VCC=3.6V; Temp=25°C; unless noted otherwise)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Frequency
5180
-
5825
MHz
Gain
10
12.5
-
dB
Gain Flatness
For any 80 MHz bandwidth
−1.5
-
+1.5
dB
Noise Figure
-
2.5
3.5
dB
Current
-
9
16
mA
P1dB
−8
−5
-
dBm
LNA Switching Speed
-
400
-
nS
Return Loss RX Port
10
20
-
dB
Return Loss ANT Port
5
8
-
dB
Operating condition is +25degC at +3.6 V unless otherwise noted.
Electrical Specifications
– 5.0 GHz Rx Bypass
(Vcc=3.6V; Temp=25°C; unless noted otherwise)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Frequency
5180
-
5825
MHz
Gain
−3.5
− 4.5
−7
dB
Gain Flatness
For any 80 MHz bandwidth over the
frequency range. LNA Disabled.
−1.0
-
+1.0
dB
Return Loss
– RX Port
10
12
-
dB
Return Loss
– ANT Port
14
20
-
dB
Test condition is +25°C at +3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com