Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8250 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM8250
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM8250 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM8250 Datasheet HTML 1Page - Qorvo, Inc RFFM8250 Datasheet HTML 2Page - Qorvo, Inc RFFM8250 Datasheet HTML 3Page - Qorvo, Inc RFFM8250 Datasheet HTML 4Page - Qorvo, Inc RFFM8250 Datasheet HTML 5Page - Qorvo, Inc RFFM8250 Datasheet HTML 6Page - Qorvo, Inc RFFM8250 Datasheet HTML 7Page - Qorvo, Inc RFFM8250 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20180226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 8
RFFM8250
Switch Control Logic Truth Table
Operating Mode
VTX
LNAEN
VRX
VBT
Standby
Low
Low
Low
Low
802.11b/g/n/ac TX Mode
High
Low
Low
Low
802.11b/g/n/ac RX Gain
Low
High
High
Low
802.11b/g/n/ac RX Bypass
Low
Low
High
Low
BT RX/TX
Low
Low
Low
High
Notes:
•
High = 2.8 to VCC. Low = 0V to 0.2V.
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com