Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5071ASB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # RFFC5071ASB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASB Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button RFFC5071ASB Datasheet HTML 3Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 4Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 5Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 6Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 7Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 8Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 9Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 10Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
7 of 27
www.qorvo.com
®
The VCO outputs are first divided down in a high frequency prescalar. The output of this high frequency prescalar then enters the
N divider, which is a fractional divider containing a dual-modulus prescaler and a digitally spur-compensated fractional sequence
generator. This allows very fine frequency steps and minimizes fractional spurs. The fractional energy is randomized and appears as
fractional noise at frequency offsets above 100 kHz which will be attenuated by the loop filter. An external loop filter is used, giving
flexibility in setting loop bandwidth for optimizing phase noise and lock time, for example.
The synthesizer step size is typically 1.5 Hz when using a 26 MHz reference frequency. The exact step size for any reference and LO
frequency can be calculated using the following formula:
(FREF * P) / (R * 224 * LO_DIV)
Where FREF is the reference frequency, R is the reference division ratio, P is the prescalar division ratio, and LO_DIV is the LO
divider value.
Pin 26 (GPO4) can be configured as a lock detect pin. The lock status is also available in the read-back register. The lock detect function
is a window detector on the VCO tuning voltage. The lock flag will be high to show PLL lock which corresponds to the VCO tuning voltage
being within the specified range, typically 0.30 V to 1.25 V.
The lock time of the PLL will depend on a number of factors; including the loop bandwidth and the reference frequency at the phase
detector. This clock frequency determines the speed at which the state machine and internal calibrations run. A 52 MHz phase detector
frequency will give fastest lock times, of typically <50
secs when using the PLL re-lock bit.
Phase Detector and Charge Pump
The phase detector provides a current output to drive an active loop filter. The charge pump output current is set by the value contained
in the P1_CP_DEF and P2_CP_DEF fields in the loop filter configuration register. The charge pump current is given by approximately
3
A/bit, and the fields are 6 bits long. This gives default value (31) of 93 A and maximum value (63) of 189 A.
If the automatic loop bandwidth calibration is enabled the charge pump current is set by the calibration algorithm based upon the
VCO gain.
The phase detector will operate with a maximum input frequency of 52 MHz.
Loop Filter
The active loop filter is implemented using the on-chip low noise op-amp with external resistors and capacitors. The internal configuration
of the chip is shown below with the recommended active loop filter. The op-amp gives a tuning voltage range of typically +0.1 V to
+2.4 V. The recommended loop filter shown is designed to give the lowest integrated phase noise for reference frequencies of between
26 MHz and 52 MHz. The external loop filter gives the flexibility to optimize the loop response for any particular application and
combination of reference and VCO frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com