Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5071ASQ Datasheet(PDF) 8 Page - Qorvo, Inc

Part # RFFC5071ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASQ Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button RFFC5071ASQ Datasheet HTML 4Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 5Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 6Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 7Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 8Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 9Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 10Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 11Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
8 of 27
www.qorvo.com
®
1pF
0.5nH
0.5nH
RFFC507xA
Mixer Output
1K
1K
External Reference
The RFFC5071A and RFFC5072A have been designed to use an external reference such as a TCXO. The typical input will be a
0.8 Vp-p clipped sine wave, which should be AC-coupled into the reference input. When the PLL is not in use, it may be desirable to turn
off the internal reference circuits, by setting the REFSTBY bit low, to minimize current draw while in standby mode.
On cold start, or if REFSTBY is programmed low, the reference circuits will need a warm-up period. This is set by the SU_WAIT bits.
This will allow the clock to be stable and immediately available when the ENBL bit is asserted high, allowing the PLL to assume
normal operation.
If the current consumption of the reference circuits in standby mode, typically 2 mA, is not critical, then the REFSTBY bit can be set high.
This allows the fastest startup and lock time after ENBL is taken high.
Wideband Mixer
The mixers are wideband, double-balanced Gilbert cells. They support RF/IF frequencies from 30 MHz up to 6000 MHz. Each mixer has
an input port and an output port that can be used for either IF or RF (in other words, for up- or down-conversion). The mixer current can
be programmed to between about 15 mA and 45 mA depending on linearity requirements. The majority of the mixer current is sourced
through the output pins via either a center-tapped balun or an RF choke in the external matching circuitry to the supply.
The RF mixer input and output ports are differential and require baluns and simple matching circuits optimized to the specific application
frequencies. A conversion gain of approximately -2 dB (not including balun losses) is achieved with 100
 differential input impedance,
and the outputs driving 200
 differential load impedance. Increasing the mixer output load increases the conversion gain.
The mixer has a broadband common gate input. The input impedance is dominated by the resistance set by the mixer 1/gm term, which
is inversely proportional to the mixer current setting. The resistance will be approximately 85
 at the default mixer current setting (100).
There is also some shunt capacitance at the mixer input, and the inductance of the bond wires (about 0.5 nH on each pin) to consider at
higher frequencies. The following diagram is a simple model of the mixer input impedance:
The mixer output is high impedance, consisting of approximately 2 k
 resistance in parallel with some capacitance, approximately 1 pF
dependent on PCB layout. The mixer output does not require a conjugate matching network. It is a constant current output which will
drive a real differential load of between 50
Ω and 500 Ω, typically 200 Ω. Since the mixer output is a constant current source, a higher
resistance load will give higher output voltage and gain. A shunt inductor can be used to resonate with the mixer output capacitance at
the frequency of interest. This inductor may not be required at lower frequencies where the impedance of the output capacitance is less
significant. At higher output frequencies the inductance of the bond wires (about 0.5 nH on each pin) becomes more significant. Above
about 4500 MHz, it is beneficial to lower the output load to 50
 to minimize the effect of the output capacitance. The following diagram
is a simple model of the mixer output:
0.5pF
Rin
Typ 85
0.5nH
0.5nH
RFFC507xA
Mixer Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com