Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5062 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFC5062
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5062 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFC5062 Datasheet HTML 1Page - Qorvo, Inc RFFC5062 Datasheet HTML 2Page - Qorvo, Inc RFFC5062 Datasheet HTML 3Page - Qorvo, Inc RFFC5062 Datasheet HTML 4Page - Qorvo, Inc RFFC5062 Datasheet HTML 5Page - Qorvo, Inc RFFC5062 Datasheet HTML 6Page - Qorvo, Inc RFFC5062 Datasheet HTML 7Page - Qorvo, Inc RFFC5062 Datasheet HTML 8Page - Qorvo, Inc RFFC5062 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2010, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
BiFET HBT
LDMOS
Synth
Phase
det.
Ref.
divider
RFFC5061
Synth
Phase
det.
Ref.
divider
RFFC5062
RFFC5061/62
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6GHz MIXER
The RFFC5061 and RFFC5062 are re-configurable frequency conversion devices
with integrated fractional-N phased locked loop (PLL) synthesizer, voltage con-
trolled oscillator (VCO) and either one or two high linearity mixers. The fractional-N
synthesizer takes advantage of an advanced sigma-delta modulator that delivers
ultra-fine step sizes and low spurious products. The RFFC5061 and RFFC5062
have been designed to use an external crystal, typically 26MHz, and have inte-
grated programmable loading capacitors. The PLL/VCO engine combined with an
external loop filter allows the user to generate local oscillator (LO) signals from
85MHz to 4200MHz. The LO signal is buffered and routed to the integrated RF mix-
ers which are used to up/down-convert frequencies ranging from 30MHz to
6000MHz. The mixer bias current is programmable and can be reduced for applica-
tions requiring lower power consumption. Both devices can be configured to work
as signal sources by bypassing the integrated mixers. Device programming is
achieved via a simple 3-wire serial interface. In addition, a unique programming
mode allows up to four devices to be controlled from a common serial bus. This
eliminates the need for separate chip-select control lines between each device and
the host controller. Up to six general purpose outputs are provided, which can be
used to access internal signals (e.g. the LOCK signal) or to control front end compo-
nents. Both devices operate with a 2.7V to 3.3V power supply.
Features
85MHz to 4200MHz LO
Frequency Range
Fractional-N Synthesizer with
Very Low Spurious Levels
Typical Step Size 1.5Hz
On-Chip Crystal-Sustaining
Circuit with Programmable
Loading Capacitors
Fully Integrated Low Phase Noise
VCO and LO Buffers
Integrated Phase Noise
• Typ. 0.3° rms at 1 GHz
•Typ. 0.8° rms at 3GHz
High Linearity RF Mixer(s)
30MHz to 6000MHz Mixer
Frequency Range
Input IP3 +23dBm
Mixer Bias Adjustable for Low
Power Operation
Full Duplex Mode (RFFC5061)
2.7V to 3.3V Power Supply
Low Current Consumption
3- or 4-Wire Serial Interface
Applications
Frequency Band Shifters
Wideband Radios
Diversity Receivers
Software Defined Radios
DS110614
Package: QFN, 32-Pin, 5mmx5mm
RFFC5061/62
Wideband Syn-
thesizer/VCO
with Integrated
6GHz Mixer


Similar Part No. - RFFC5062

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC5062 QORVO-RFFC5062 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5062SB RFMD-RFFC5062SB Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5062SQ RFMD-RFFC5062SQ Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5062SR RFMD-RFFC5062SR Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5062TR13 RFMD-RFFC5062TR13 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results

Similar Description - RFFC5062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
logo
RF Micro Devices
RFFC5071 RFMD-RFFC5071 Datasheet
3Mb / 20P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Analog Devices
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
Wideband Synthesizer with Integrated VCO
5/16-Rev. A to Rev. B
logo
Qorvo, Inc
RFFC5071A QORVO-RFFC5071A Datasheet
3Mb / 27P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com