Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5071ASR Datasheet(PDF) 20 Page - Qorvo, Inc

Part # RFFC5071ASR
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASR Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button RFFC5071ASR Datasheet HTML 16Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 17Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 18Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 19Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 20Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 21Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 22Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 23Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
20 of 27
www.qorvo.com
®
Typical RF Mixer 1 Performance Characteristics
VDD = +3 V and TA = +27 °C unless stated. As measured on RFFC5071A wideband evaluation board.
See application schematic on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com