Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5072ASB Datasheet(PDF) 10 Page - Qorvo, Inc

Part # RFFC5072ASB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5072ASB Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button RFFC5072ASB Datasheet HTML 6Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 7Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 8Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 9Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 10Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 11Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 12Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 13Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
10 of 27
www.qorvo.com
®
Multi-Slice Mode
The Multi-Slice mode of operation allows up to four chips to be controlled from a common serial bus. The device address pins
(15 and 16) ADD1 and ADD2 are used to set the address of each part.
On power up, and after a reset, the devices ignore the address pins ADD1 and ADD2 and any data presented to the serial bus will be
programmed into all the devices. However, once the ADDR bit in the SDI_CTRL register is set, each device then adopts an address
according to the state of the address pins on the device.
General Purpose Outputs
The general purpose outputs (GPOs) can be controlled via the GPO register and will depend on the state of MODE since they can be set
in different states corresponding to either mixer path 1 or 2. For example, the GPOs can be used to drive LEDs or to control external
circuitry such as switches or low power LNAs.
Each GPO pin can supply approximately 20 mA load current. The output voltage of the GPO high state will drop with increased current
drive by approximately 25 mV/mA. Similarly, the output voltage of the GPO low state will rise with increased current, again by
approximately 25 mV/mA.
External Modulation
The RFFC5071A and RFFC5072A fractional-N synthesizer can be used to modulate the frequency of the VCO. There are two dedicated
registers, EXT_MOD and FMOD, which can be used to configure the device as a modulator. It is possible to modulate the VCO in
two ways:
1.Binary FSK
The MODSETUP bits in the EXT_MOD register are set to 11. GPO3 is then configured as an input and used to control the signal
frequency. The frequency deviation is set by the MODSTEP and MODULATION bits in the EXT_MOD and FMOD registers respectively.
The modulation frequency is calculated according to the following formula:
FMOD = 2MODSTEP
 FPD  (MODULATION)  216
Where MODULATION is a 2's complement number and FPD is the phase detector frequency
2.Continuous Modulation
The MODSETUP bits in the EXT_MOD register are set to 01. The frequency deviation is set by the MODSTEP and MODULATION bits
in the EXT_MOD and FMOD registers respectively. The VCO frequency is then changed by writing a new value into the MODULATION
bits, the VCO frequency is instantly updated. An arbitrary frequency modulation can then be performed dependent only on the rate at
which values are written into the FMOD register.
Slice 2
(0)
Slice 2
(1)
A1
A2
A1
A2
Vdd
Slice 2
(2)
A2
A1
Vdd
Slice 2
(3)
A2
A1
Vdd
Vdd
ENX
SDATA
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com