Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7321DS Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RF7321DS
Description  3V LTE Band 11, 21 Linear PA Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF7321DS Datasheet(HTML) 4 Page - Qorvo, Inc

  RF7321DS Datasheet HTML 1Page - Qorvo, Inc RF7321DS Datasheet HTML 2Page - Qorvo, Inc RF7321DS Datasheet HTML 3Page - Qorvo, Inc RF7321DS Datasheet HTML 4Page - Qorvo, Inc RF7321DS Datasheet HTML 5Page - Qorvo, Inc RF7321DS Datasheet HTML 6Page - Qorvo, Inc RF7321DS Datasheet HTML 7Page - Qorvo, Inc RF7321DS Datasheet HTML 8Page - Qorvo, Inc RF7321DS Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF7321
DS120906
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Specifications
(continued)
Temp = +25C, VBAT= +3.8V, VEN = +1.8V, 50 system,
LTE Modulation used: QPSK, 10MHz channel,
12 Resource Blocks with MPR = 0, unless otherwise
specified.
Noise Power in 2.4 GHz ISM Band
-143
dBm/Hz
Measured in the 2400 - 2483 MHz band
Noise Power in 5 GHz ISM Band
-146
dBm/Hz
Measured in the 4.9MHz to 5.9MHz band, excludes 3rd
harmonic contributions
EVM
2.5
5
%
POUT ≤ +27.5 dBm, all power outs
Intermodulation
(Channel BW offset)
-35
dBc
CW interferer at -42dBc at Channel BW Offset from
carrier, POUT ≤ 27.5dBm
Intermodulation
(2x Channel BW offset)
-41
dBc
CW interferer at -42dBc at (2 x Channel BW) Offset from
carrier, POUT ≤ 27.5dBm
Input VSWR
1.8:1
VSWR
All modes
Spurious Output Levels
-70
dBc
All spurious, POUT ≤ 27.5dBm, all conditions, load VSWR
at 6:1, all phase angles
Insertion Phase Shift
±25
°
Phase shift at +16dBm when switching from HP to MP,
and then from MP to LP at +6dBm
Insertion Phase Shift Variation
±10
°
Part to part
DC Enable time
10
S
Applied DC only, Time from VEN = HIGH to stable idle
current (90% of steady state value)
RF Rise time / RF Fall time
2
S
Coupling Factor
20
dB
POUT ≤ +27.5 dBm, all power outs
Coupling Accuracy - Temp/Voltage
±0.5
dB
POUT ≤ 27.5 dBm, all modes, -20°C ≤ T ≤ +85,
VCC as required , referenced back to 25°C, 3.4V
nominal condition
Coupling Accuracy - VSWR
±0.25
dB
POUT ≤ 27.5 dBm, all modes, load VSWR 2:1, ± 0.25dB
accuracy corresponds to 20dB coupler directivity
Coupler Insertion Loss
0.25
dB
For the daisy-chain couplers (PA-to-PA): CPL IN to
CPL OUT; 698MHz to 2620MHz
Rel 99
UMTS ACLR1 (±5MHz)
-40
dBc
HP, POUT = 28.5 dBm, VCC = 3.4V
-40
dBc
MP, POUT ≤ 17dBm, VCC= 1.3V
-40
dBc
LP, POUT ≤ 7dBm, VCC= 0.7V
UMTS ACLR2 (±10MHz)
-52
dBc
HP, POUT = 28.5dBm, VCC = 3.4V
-52
dBc
MP, POUT ≤ 17dBm, VCC= 1.3V
-52
dBc
LP, POUT ≤ 7dBm, VCC= 0.7V
PA Efficiency (PAE)
47
%
HP, POUT = 28.5dBm, VCC = 3.4V
32
%
MP, POUT = 17dBm, VCC= 1.3V
17
%
LP, POUT = 7dBm, VCC= 0.7V
PA Current Drain
443
mA
HP, POUT = 28.5dBm, VCC = 3.4V
120
mA
MP, POUT = 17dBm, VCC= 1.3V
40
mA
LP, POUT = 7dBm, VCC= 0.7V
PA + DC-DC Current Drain (MP)
48
mA
POUT = 17dBm, Assumes VBAT = 3.8V, 85% DC-DC
PA + DC-DC Current Drain (LP)
10
mA
POUT = 7dBm, Assumes VBAT = 3.8V, 75% DC-DC
UMTS EVM
2
%
All modes
Harmonics, 2FO
-35
dBc
POUT = +28.5 dBm
Harmonics,3FO
-42
dBc
POUT = +28.5 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com