Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2312PCK Datasheet(PDF) 13 Page - Qorvo, Inc

Part # RF2312PCK
Description  Linear General Purpose Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2312PCK Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button RF2312PCK Datasheet HTML 5Page - Qorvo, Inc RF2312PCK Datasheet HTML 6Page - Qorvo, Inc RF2312PCK Datasheet HTML 7Page - Qorvo, Inc RF2312PCK Datasheet HTML 8Page - Qorvo, Inc RF2312PCK Datasheet HTML 9Page - Qorvo, Inc RF2312PCK Datasheet HTML 10Page - Qorvo, Inc RF2312PCK Datasheet HTML 11Page - Qorvo, Inc RF2312PCK Datasheet HTML 12Page - Qorvo, Inc RF2312PCK Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Page 13 of 13
RF2312
Linear General Purpose Amplifier
Data Sheet Rev (C), December 16, 2020| Subject to change without notice
www.qorvo.com
®
Handling Precautions
Parameter
Rating Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1B
ESDA / JEDEC JS-001-2012
ESD – Charged Device Model (CDM)
Class C3
JEDEC JESD22-C101F
MSL – Moisture Sensitivity Level
Level 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260 °C max. reflow temp.) soldering process.
Solder profiles available upon request.
Contact plating: Matte Sn
RoHS Compliance
This part is compliant with EU 2011 / 65 / EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment), as amended by Directive 2015 / 863 / EU. This product also has the following attributes:
•
Lead Free
•
Halogen Free (Chlorine, Bromine)
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
PFOS Free
•
SVHC Free
•
Qorvo Green
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Tel: 1-844-890-8163
Web: www.qorvo.com
Email: customer.support@qorvo.com
For technical questions and application information:
Email: sjcapplications.engineering@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information.
THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS
DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS
WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR
OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2019 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com