Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM58-K Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # ASM58-K
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASM58-K Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  ASM58-K Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
ASM58-K
6
For additional information on the accessories, please see the "Accessories" section.
Accessories
Accessories
Name/defining feature
Order code
Connectors
Cable socket
9416
Cable socket
9416L
Order code
AS M5
8
–
R K
N
–
Number of bits singleturn
12
4096 (standard)
13
8192
16
65536
Number of bits multiturn
12
4096 (standard)
14
16384
Output code
B
Binary
G
Gray
Option 1
K
with preset key
Exit position
R
Radial
Connection type
K1
Cable Ø7 mm, 6 x 2 x 0.14 mm2, 1 m
AA
Plug connector type 9416, 12-pin
AB
Plug connector type 9416L, 12-pin
Shaft dimension/flange version
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
I
Inox*
W
Aluminium, powder coated with shaft seal
Principle of operation
M
Multiturn
Shaft version
S
Recessed hollow shaft
Data format
A
SSI (Synchronous Serial Interface)
*Housing material I only available with plug connector types.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com