Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

573201 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 573201
Description  Air solenoid valve
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

573201 Datasheet(HTML) 2 Page - Festo Corporation.

  573201 Datasheet HTML 1Page - Festo Corporation. 573201 Datasheet HTML 2Page - Festo Corporation. 573201 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Flow rate of pneumatic valve
750 l/min
Flow rate of pneumatic valve on individual sub-base
600 l/min
Optimized flow rate of pneumatic valve, pneumatically concatenated
flow
700 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 550 l/min
Switching time off
38 ms
On switching time
12 ms
Pneumatic valve - sensor ON switching time
32 ms
Pneumatic valve - sensor switching time off
9 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
1500 µs
Max. negative test pulse on 1 signal
800 µs
Nominal operating voltage DC
24 V
Switching output
PNP
Coil characteristics
24 V DC: 1.6 W
Surge resistance
2.5 kV
Contamination level
3
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
Temperature of medium
-5 °C ... 50 °C
Relative air humidity
0 - 90 %
Noise level
85 dB(A)
Ambient temperature
-5 °C ... 50 °C
Max. tightening torque for valve mounting
0.8 Nm ... 1.2 Nm
Product weight
157 g
DC sensor operating voltage range
10 V ... 30 V
Sensor short circuit protection
Pulsed
Sensor idle current
≤10 mA
Max. output current, sensor
200 mA
Sensor max. switching frequency
5000 Hz
Sensor residual ripple
± 10 %
Sensor voltage drop
≤2 V
Electrical connection
4-pin
Plug
as per ISO 15407-2
Sensor connection
Plug
Cable
4-pin
M12x1
0.5 m
Type of mounting
On sub-base
Pilot air port 12/14
Sub-base, size 18 mm as per ISO 15407-2
Pilot exhaust air port 82/84
Optionally:
Ducted
Not ducted
Pneumatic connection 1
Sub-base, size 18 mm as per ISO 15407-2
Pneumatic connection 2
Sub-base, size 18 mm as per ISO 15407-2
Pneumatic connection 3
Sub-base, size 18 mm as per ISO 15407-2
Pneumatic connection 4
Sub-base, size 18 mm as per ISO 15407-2
Pneumatic connection 5
Sub-base, size 18 mm as per ISO 15407-2
Note on materials
RoHS-compliant
9/2/21 - Subject to change - Festo AG & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com