Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW8008 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # RFSW8008
Description  Wi-Fi SPDT Switch 300MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW8008 Datasheet(HTML) 6 Page - Qorvo, Inc

  RFSW8008 Datasheet HTML 1Page - Qorvo, Inc RFSW8008 Datasheet HTML 2Page - Qorvo, Inc RFSW8008 Datasheet HTML 3Page - Qorvo, Inc RFSW8008 Datasheet HTML 4Page - Qorvo, Inc RFSW8008 Datasheet HTML 5Page - Qorvo, Inc RFSW8008 Datasheet HTML 6Page - Qorvo, Inc RFSW8008 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
Disclaimer: Subject to change without notice
Revision
DS20180308
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW8008
RFMD + TriQuint = Qorvo
Package Outline (Dimensions in millimeters)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com