Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESS58-PN Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # ESS58-PN
Description  Singleturn absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-PN Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  ESS58-PN Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Singleturn absolute encoder
ESS58-PN
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Diagnostic LEDs
Dimensions
Electrical connection
Pin
Voltage supply
Male connector M12 x 1,
4-pin, A-coded
Ethernet
Female connector M12 x 1,
4-pin, D-coded
1
+VS (15 ... 30 VDC)
Tx +
2
n. c.
Rx +
3
GND (0 V)
Tx -
4
n. c.
Rx -
LED
Color
Description for LED = ON
Active1
Yellow
Incoming and outgoing data traffic for port 1
Link1*
Green
Connection to other Ethernet devices on port 1
Active2
Yellow
Incoming and outgoing data traffic for port 2
Link2*
Green
Connection to other Ethernet devices on port 2
Stat1
Green
Status 1, details see table below
Stat2
Red
Status 2, details see table below
* flashes with 2 Hz if engineering identification call is activated and link connection is
available
Stat1 (green)
Stat2 (red)
bus failure
Meaning
Cause
off
off
No power
on
on
No connection to another device
Criteria: no data exchange
• bus disconnected
• Master not available / switched off
max. insertion
depth = 30
min. insertion
depth = 15
R 1.6
ø 63
72
27.5
L
12.7
4
1.5
40
60
L: Singleturn = 87
Multiturn = 98
43
12
34
21
Indicators
R
Stat2 Stat1
Active 2
Link 2
Active 1
Link 1
Port2
PWR
Port1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com