Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25007MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25007MM
Description  42V, 0.5A Step-Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25007MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM25007MM Datasheet HTML 1Page - National Semiconductor (TI) LM25007MM Datasheet HTML 2Page - National Semiconductor (TI) LM25007MM Datasheet HTML 3Page - National Semiconductor (TI) LM25007MM Datasheet HTML 4Page - National Semiconductor (TI) LM25007MM Datasheet HTML 5Page - National Semiconductor (TI) LM25007MM Datasheet HTML 6Page - National Semiconductor (TI) LM25007MM Datasheet HTML 7Page - National Semiconductor (TI) LM25007MM Datasheet HTML 8Page - National Semiconductor (TI) LM25007MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM25007
42V, 0.5A Step-Down Switching Regulator
General Description
The LM25007 is a monolithic step-down switching regulator
featuring all of the functions needed to implement a low cost,
efficient, power supply. Capable of driving a 0.5Amp load
over a 9V-42V input voltage range, this device is easy to
apply and is provided in the small MSOP-8 and the thermally
enhanced LLP-8 packages. Ultra-fast transient response is
achieved through the use of a constant on-time architecture
with Vin feed forward. This feature provides an almost con-
stant operating frequency over load and input voltage varia-
tions. The operating frequency can be adjusted with a single
resistor. This architecture is easy to use and tolerant of
component selection. An intelligent current limit is imple-
mented in the LM25007 with forced off time that is inversely
proportional to Vout thus ensuring recovery from fault con-
ditions. The output voltage may be set from 2.5V to >30V. To
improve efficiency in light load applications, the Vcc pin can
be connected to an external voltage source to eliminate the
drop through the internal regulator. Additional features in-
clude: thermal shutdown, Vcc under-voltage lockout, gate
drive under-voltage lockout, and max duty cycle limiter.
Features
n
Integrated 0.74 ohm N-Channel MOSFET switch
n
Guaranteed 0.5Amp output current
n
Ultra-Fast Transient Response
n
Up to 800kHz operation
n
No control loop compensation required
n
Vin feed forward provides constant operating frequency
n
2% accurate 2.5V feedback from -40˚C to 125˚C
n
Highly efficient operation
n
Intelligent current limit protection
n
External shutdown control
n
Thermal shutdown
n
MSOP-8 and thermally enhanced LLP packages
Typical Applications
n
12VDC and 24VDC distributed rail systems
n
24VAC systems
n
Automotive body electronics and telematics
n
Industrial systems
n
HB-LED constant current source
Package
n
MSOP - 8
n
LLP - 8 (4mm x 4mm)
Basic Step-Down Regulator
20165513
February 2006
© 2006 National Semiconductor Corporation
DS201655
www.national.com


Similar Part No. - LM25007MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007MM NSC-LM25007MM Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MM TI-LM25007MM Datasheet
924Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MM TI1-LM25007MM Datasheet
950Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MM/NOPB TI1-LM25007MM/NOPB Datasheet
950Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MM/NOPB TI2-LM25007MM/NOPB Datasheet
683Kb / 23P
LM25007 42V, 0.5A Step-Down Switching Regulator
REVISED FEBRUARY 2013
More results

Similar Description - LM25007MM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com