Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6300IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6300IGN
Description  500mA, 200MHz X DSL LINE DRIVER IN 16-LEAD SSOP PACKAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6300IGN Datasheet HTML 6Page - Linear Technology LT6300IGN Datasheet HTML 7Page - Linear Technology LT6300IGN Datasheet HTML 8Page - Linear Technology LT6300IGN Datasheet HTML 9Page - Linear Technology LT6300IGN Datasheet HTML 10Page - Linear Technology LT6300IGN Datasheet HTML 11Page - Linear Technology LT6300IGN Datasheet HTML 12Page - Linear Technology LT6300IGN Datasheet HTML 13Page - Linear Technology LT6300IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT6300
which looks very much like noise, it is easiest to use the
RMS values of voltages and currents for estimating the
driver power dissipation. The voltage and current levels
shown for this example are for a full-rate ADSL signal
driving 20dBm or 100mWRMS of power on to the 100Ω
telephone line and assuming a 0.5dBm insertion loss in
the transformer. The quiescent current for the LT6300 is
set to 10mA per amplifier.
The power dissipated in the LT6300 is a combination of the
quiescent power and the output stage power when driving
a signal. The two amplifiers are configured to place a
differential signal on to the line. The Class AB output stage
in each amplifier will simultaneously dissipate power in
the upper power transistor of one amplifier, while sourc-
ing current, and the lower power transistor of the other
amplifier, while sinking current. The total device power
dissipation is then:
PD = PQUIESCENT + PQ(UPPER) + PQ(LOWER)
PD = (V+ – V) • IQ + (V+ – VOUTARMS) •
ILOAD + (V – VOUTBRMS) • ILOAD
With no signal being placed on the line and the amplifier
biased for 10mA per amplifier supply current, the quies-
cent driver power dissipation is:
PDQ = 24V • 20mA = 480mW
This can be reduced in many applications by operating
with a lower quiescent current value.
When driving a load, a large percentage of the amplifier
quiescent current is diverted to the output stage and
becomes part of the load current. Figure 7 illustrates the
total amount of biasing current flowing between the + and
– power supplies through the amplifiers as a function of
load current. As much as 60% of the quiescent no load
operating current is diverted to the load.
At full power to the line the driver power dissipation is:
PD(FULL) = 24V • 8mA + (12V – 2VRMS) • 57mARMS
+ [|–12V – (– 2VRMS)|] • 57mARMS
PD(FULL) = 192mW + 570mW + 570mW = 1.332W
The junction temperature of the driver must be kept less
than the thermal shutdown temperature when processing
a signal. The junction temperature is determined from the
following expression:
TJ = TAMBIENT (°C) + PD(FULL) (W) • θJA (°C/W)
θJA is the thermal resistance from the junction of the
LT6300 to the ambient air, which can be minimized by
heat-spreading PCB metal and airflow through the enclo-
sure as required. For the example given, assuming a
maximum ambient temperature of 50
°C and keeping the
junction temperature of the LT6300 to 150
°C maximum,
the maximum thermal resistance from junction to ambient
required is:
θJA MAX
CC
W
CW
()
.
./
=
°° =°
150
50
1 332
75 1
APPLICATIO S I FOR ATIO
Figure 7. IQ vs ILOAD
ILOAD (mA)
–240
–200
–160
–120
–80
–40
0
40
80
120
160
200
240
10
15
20
6300 F07
5
0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com