Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTYB Datasheet(PDF) 8 Page - Linear Technology

Part # LTYB
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTYB Datasheet(HTML) 8 Page - Linear Technology

Back Button LTYB Datasheet HTML 4Page - Linear Technology LTYB Datasheet HTML 5Page - Linear Technology LTYB Datasheet HTML 6Page - Linear Technology LTYB Datasheet HTML 7Page - Linear Technology LTYB Datasheet HTML 8Page - Linear Technology LTYB Datasheet HTML 9Page - Linear Technology LTYB Datasheet HTML 10Page - Linear Technology LTYB Datasheet HTML 11Page - Linear Technology LTYB Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1983-3/LTC1983-5
8
sn1983 1983fs
Inrush Currents
During normal operation, VIN will experience current tran-
sients in the several hundred milliamp range whenever the
charge pump is enabled. During start-up, these inrush
currents may approach 1 to 2 amps. For this reason, it is
important to minimize the source resistance between the
input supply and the VIN pin. Too much source resistance
may result in regulation problems or even prevent start-
up. One way that this can be avoided (especially when the
source impedance can’t be lowered due to system con-
straints) is to use a large VIN capacitor with low ESR right
at the VIN pin. If ceramic capacitors are used, you may
need to add 1
µF to 10µF tantalum capacitor in parallel to
limit input voltage transients. Input voltage transients will
occur if VIN is applied via a switch or a plug. One example
of this situation is in USB applications.
Ultralow Quiescent Current Regulated Supply
The LTC1983 contains an internal resistor divider (refer to
the Block Diagram) that draws only 1
µA (typ for the 3V
version) from VOUT during normal operation. During shut-
down, the resistor divider is disconnected from the output
and the part draws only leakage current from the output.
During no-load conditions, applying a 1Hz to 100Hz, 2%
to 5% duty cycle signal to the SHDN pin ensures that the
circuit of Figure 2 comes out of shutdown frequently
enough to maintain regulation even under low-load condi-
tions. Since the part spends nearly all of its time in
shutdown, the no-load quiescent current is essentially
zero. However, the part will still be in operation during the
time the SHDN pin is high, so the current will not be zero
and can be calculated using the following equations to
determine the approximate maximum current: IIN(MAX) =
[(Time out of shutdown) • (Burst Mode operation quies-
cent current) + (Normal operating IIN) • (Time output is
being charged before the LTC1983 enters Burst Mode
operation)]/(Period of SHDN signal). This number will be
highly dependent on the amount of board leakage current
and how many devices are connected to VOUT (each will
draw some leakage current) and must be calculated and
verified for each different board design.
The LTC1983 must be out of shutdown for a minimum
duration of 200
µstoallowenoughtimetosensetheoutput
and keep it in regulation. A 1Hz, 2% duty cycle signal will
keep VOUT in regulation under no-load conditions. Even
though the term no-load is used, there will always be board
leakage current and leakage current drawn by anything
connected to VOUT. This is why it is necessary to wake the
part up every once in a while to verify regulation. As the
VOUT load current increases, the frequency with which the
part is taken out of shutdown must also be increased to
prevent VOUT from drooping below the – 2.88V (for the 3V
version) during the OFF phase (see Figure 3). A 100Hz, 2%
duty cycle signal on the SHDN pin ensures proper regula-
tion with load currents as high as 100
µA. When load
current greater than 100
µA is needed, the SHDN pin must
be forced high as in normal operation.
Each time the LTC1983 comes out of shutdown, the part
delivers a minimum of one clock cycle worth of charge to
the output. Under high VIN (>4V) and/or low IOUT (<10µA)
conditions, this behavior may cause a net excess of charge
to be delivered to the output capacitor if a high frequency
signal is used on the SHDN pin (e.g., 50Hz to 100Hz).
Under such conditions, VOUT will slowly drift positive and
may even go out of regulation. To avoid this potential
Figure 2. Ultralow Quiescent Current Regulated Supply
VIN
GND
C +
SHDN
VOUT
C –
LTC1983-3
CFLY
1
µF
CERAMIC
FROM MPU
SHDN
VIN
CIN
10
µF
TANTALUM
COUT
10
µF
CERAMIC
SHDN PIN WAVEFORMS:
LOW IQ MODE
(IOUT ≤ 100µA)
VOUT LOAD ENABLE MODE
(IOUT = 100µA TO 100mA)
(1Hz TO 100Hz, 2% TO 5% DUTY CYCLE)
–3V
± 4%
1983 F02
3.3V TO 5.5V
OPERATIO
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com