Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4514D1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4514D1
Description  RAD-HARD 4 TO 16 LINE DECODER/LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4514D1 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4514D1 Datasheet HTML 1Page - STMicroelectronics M54HC4514D1 Datasheet HTML 2Page - STMicroelectronics M54HC4514D1 Datasheet HTML 3Page - STMicroelectronics M54HC4514D1 Datasheet HTML 4Page - STMicroelectronics M54HC4514D1 Datasheet HTML 5Page - STMicroelectronics M54HC4514D1 Datasheet HTML 6Page - STMicroelectronics M54HC4514D1 Datasheet HTML 7Page - STMicroelectronics M54HC4514D1 Datasheet HTML 8Page - STMicroelectronics M54HC4514D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
May 2004
s
HIGH SPEED:
tPD=20ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4514
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9205-019
DESCRIPTION
The M54HC4514 is an high speed CMOS 4 LINE
TO
16
LINE
SEGMENT
DECODER
WITH
LATCHED INPUTS fabricated with silicon gate
C2MOS technology.
A binary code stored in the four input latches (A to
D) provides a high level at the selected one of
sixteen outputs excluding the other fifteen outputs,
when the inhibit input (INHIBIT) is held low. When
the inhibit input (INHIBIT) is held high, all outputs
are kept low level, while the latch function is
available. The data applied to the data inputs are
transferred to the Q outputs of latches when the
strobe input is held high. When the strobe input is
taken low, the information data applied to the data
input at a time is retained at the output of the
latches.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4514
RAD-HARD 4 TO 16 LINE DECODER/LATCH
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4514D
M54HC4514D1
FPC
M54HC4514K
M54HC4514K1
DILC-24
FPC-24
Rev. 1


Similar Part No. - M54HC4514D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4514D STMICROELECTRONICS-M54HC4514D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4514D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
Apr-2003
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
4 TO 16 LINE DECODER/LATCH
Apr-2003
M54HC154 STMICROELECTRONICS-M54HC154 Datasheet
256Kb / 9P
RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
Mar-2004
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
Oct-1993
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
4-to-16 Line Decoder/Latch
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER LATCH
Apr-2004
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
Mar-2004
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
M54HCT138 STMICROELECTRONICS-M54HCT138_04 Datasheet
252Kb / 10P
RAD HARD 3 TO 8 LINE DECODER (INVERTING)
16-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com