Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AW024BE60ZB8F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M69AW024BE60ZB8F
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE60ZB8F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M69AW024BE60ZB8F Datasheet HTML 2Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 3Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 4Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 5Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 6Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 7Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 8Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 9Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
M69AW024BE
6/25
SIGNAL DESCRIPTIONS
See
Figure
2., Logic
Diagram,
and
Table
1., Signal Names, for a brief overview of the sig-
nals connected to this device.
Address Inputs (A0-A19). The Address Inputs
select the cells in the memory array to access dur-
ing Read and Write operations.
Data Inputs/Outputs (DQ8-DQ15). The
Upper
Byte Data Inputs/Outputs carry the data to or from
the upper part of the selected address during a
Write or Read operation, when Upper Byte Enable
(UB) is driven Low.
Data Inputs/Outputs (DQ0-DQ7). The
Lower
Byte Data Inputs/Outputs carry the data to or from
the lower part of the selected address during a
Write or Read operation, when Lower Byte Enable
(LB) is driven Low.
Chip Enable (E1). When asserted (Low), the
Chip Enable, E1, activates the memory state ma-
chine, address buffers and decoders, allowing
Read and Write operations to be performed. When
de-asserted (High), all other pins are ignored, and
the device is put, automatically, in low-power
Standby mode.
Chip Enable (E2). The Chip Enable, E2, puts the
device in Deep Power-down mode when it
is driven Low. This is the lowest power mode.
Output Enable (G). The Output Enable, G, pro-
vides a high speed tri-state control, allowing fast
read/write cycles to be achieved with the common
I/O data bus.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
Upper Byte Enable (UB). The Upper Byte En-
able, UB, gates the data on the Upper Byte Data
Inputs/Outputs (DQ8-DQ15) to or from the upper
part of the selected address during a Write or
Read operation.
Lower Byte Enable (LB). The Lower Byte En-
able, LB, gates the data on the Lower Byte Data
Inputs/Outputs (DQ0-DQ7) to or from the lower
part of the selected address during a Write or
Read operation.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (Read or
Write) and for driving the refresh logic, even when
the device is not being accessed.
VSS Ground. The VSS Ground is the reference for
all voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com