Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M440T513Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M440T513Y Datasheet HTML 12Page - STMicroelectronics M440T513Y Datasheet HTML 13Page - STMicroelectronics M440T513Y Datasheet HTML 14Page - STMicroelectronics M440T513Y Datasheet HTML 15Page - STMicroelectronics M440T513Y Datasheet HTML 16Page - STMicroelectronics M440T513Y Datasheet HTML 17Page - STMicroelectronics M440T513Y Datasheet HTML 18Page - STMicroelectronics M440T513Y Datasheet HTML 19Page - STMicroelectronics M440T513Y Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
M440T513Y
16/26
Command Register
Address location 0Bh is the Command Register
where mask bits, control bits, and flag bits reside.
The operation of each bit is as follows:
TE - Bit 7 Transfer Enable. This bit, when set to
logic '0,' will disable the transfer of data between
internal and external clock registers. The contents
in the external clock registers are now frozen and
READs or WRITEs will not be affected with up-
dates. This bit must be set to a logic '1' to allow up-
dates.
IPSW - Bit 6 Interrupt Switch. When set to a
logic '1,' IRQ/(IRQ) is the Watchdog Alarm. When
set to a logic '0,' IRQ/(IRQ) is the time of day alarm
output.
IBH/LO - Bit 5 IRQ Sink or Source Current.
When this bit is set to a logic '1' and VCC is applied,
IRQ/(IRQ)
will
source
current
(see
Table
11., page 19, IOH). When this bit is set to a logic '0,'
IRQ will sink current (see Table 11., page 19, IOL).
PU/LVL - Bit 4 Interrupt Pulse Mode or Level
Mode. This bit determines whether the interrupt
will output a pulse or level signal. When set to a
logic '0,' IRQ/(IRQ) will be in the level mode. When
this bit is set to a logic '1,' the pulse mode is select-
ed. IRQ/(IRQ) will either sink or source current, de-
pending on the condition of Bit 5, for a minimum of
3ms and then release. IRQ will only source current
when there is voltage present on VCC.
WAM - Bit 3 Watchdog Alarm Mask. When this
bit is set to a logic '0,' the watchdog interrupt output
will be activated. The activated state is determined
by bits 1, 4, 5, and 6 of the Command Register.
when this bit is set to a logic '1,' the watchdog in-
terrupt output is deactivated.
TDM - Bit 2 Time of Day Alarm Mask. When
this bit is set to a logic '0,' the time of day alarm in-
terrupt output will be activated. The activated state
is determined by bits 0, 4, 5, and 6 of the Com-
mand Register. When this bit is set to a logic '1,'
the time of day alarm interrupt output is deactivat-
ed.
WAF - Bit 1 Watchdog Alarm Flag. This bit is
set to a logic '1' when a watchdog alarm interrupt
occurs. This bit is “Read only.” The bit is reset
when any of the watchdog alarm registers are ac-
cessed.
When the interrupt is in the pulse mode (see PU/
LVL - Bit 4 Interrupt Pulse Mode or Level Mode),
this flag will be in the logic '1' state only during the
time the interrupt is active.
TDF - Bit 0 Time of Day Flag. This is a “Read
only” bit. This bit is set to a logic '1' when a time of
day alarm has occurred. the time the alarm oc-
curred can be determined by reading the time of
day alarm registers. This bit is reset to a logic '0'
state when any of the time of day registers are ac-
cessed.
When the interrupt is in the pulse mode (see PU/
LVL - Bit 4 Interrupt Pulse Mode or Level Mode),
this flag will be in the logic '1' state only during the
time the interrupt is active.
Battery Low
The M440T513Y automatically performs battery
voltage monitoring upon power-up, and at factory-
programmed time intervals of at least 24 hours.
The Battery Low (BL) signal will be asserted if the
battery voltage is found to be less than approxi-
mately 2.5V. The BL signal will remain asserted
until completion of battery replacement and sub-
sequent battery low monitoring tests, either during
the next power-up sequence or the next scheduled
24-hour interval (see application note, “AN1540,
NVRAM PBGA Dual Battery Hat Mounting and
Removal” for more information).
If a battery low is generated during a power-up se-
quence, this indicates that the battery is below
2.5V and may not be able to maintain data integrity
in the SRAM. Data should be considered suspect,
and verified as correct. Fresh batteries should be
installed.
If a battery low indication is generated during the
24-hour interval check, this indicates that one of
the batteries is near end of life. However, data is
not compromised due to the fact that a nominal
VCC is supplied. In order to insure data integrity
during subsequent periods of battery back-up
mode, the batteries should be replaced. The
SNAPHAT® top should be replaced with valid VCC
applied to the device.
The M440T513Y only monitors the batteries when
a nominal VCC is applied to the device. Thus appli-
cations which require extensive durations in the
battery back-up mode should be powered-up peri-
odically (at least once every few months) in order
for this technique to be beneficial. Additionally, if a
battery low is indicated, data integrity should be
verified upon power-up via a checksum or other
technique. The BL signal is an open drain output
and an appropriate pull-up resistor should be cho-
sen to control the rise time.
Sleep Mode
Forcing the sleep pad more positive than +7.5V
above ground will cause the batteries to be isolat-
ed from the RAM, preserving the remaining battery
life. This mode may be used when device opera-
tion is not necessary for an extended period of
time.
Note: Implementation of this Sleep Mode will re-
sult in complete loss of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com