Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB096AA85AW8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M69KB096AA85AW8
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA85AW8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M69KB096AA85AW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 30Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 31Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 32Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 33Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 34Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 35Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 36Page - STMicroelectronics M69KB096AA85AW8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
33/48
M69KB096AA
Table 16. Synchronous Burst Read AC Characteristics
Note: 1. All the tests are performed with the outputs configured in “Full drive” strength (BCR5=’0’).
2. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14.. The High-Z timings measure a
transition of 100mV between VOH or VOL and VCCQ/2.
3. These timings have been obtained with the AC Measurement Load Circuit shown on Figure 14.. The transition timings measure a
transition of 100mV between the High-Z level (VCCQ/2) and VOH or VOL.
4. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
5. When configured in Synchronous mode (BCR15 = 0), a refresh opportunity must be provided every tELEH. A refresh opportunity is
satisfied by either of the following two conditions: E = VIH during Clock input K rising edge or E = VIH for longer than 15ns.
Symbol
Alt.
Parameter
M69KB096AA
Unit
80MHz
66MHz
Min
Max
Min
Max
tKHQV1
tABA
Burst Access Time
46.5
56
ns
tKHQV2
tACLK
Delay From Clock High to Output Valid
9
11
ns
tAVLH
tAVS
Address Valid to L High
10
10
ns
tGLQV
tBOE
Delay From Output Enable Low to Output Valid in Burst mode
20
20
ns
tEHEL
(5)
tCBPH
Chip Enable High between Subsequent Mixed-Mode Read
Operations
55
ns
tELTV
tCEW
Chip Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tELEH
(5)
tCEM
Maximum Chip Enable Low Pulse
8
8
ns
tKHKH
(4)
tCLK
Clock Period
12.5
20
15
20
ns
tELKH
tCSP
Chip Enable Low to Clock High
4.5
20
5
20
ns
tKHAX
tKHBX
tKHWX
tKHEH
tKHLH
tHD
Hold Time From Active Clock Edge
2
2
ns
tEHQZ
(2)
tHZ
Chip Enable High to Output Hi-Z
8
8
ns
tR
tF
tKHKL
Clock Rise Time
Clock Fall Time
1.8
2.0
ns
tKHTV
tKHTX
tKHTL
Clock High to WAIT Valid
Clock High to WAIT Transition
911
ns
tKHQZ
tKHZ
Clock High to Output Hi-Z
3
8
3
8
ns
tKHQX1
tKLZ
Clock High to Output Transition
2
5
2
5
ns
tKHQX2
tKOH
Output Hold from Clock High
2
2
ns
tKHKL
tKLKH
tKP
Clock High to Clock Low
Clock Low to Clock High
45
ns
tGHQZ
(2)
tOHZ
Output Enable High to Output Hi-Z
8
8
ns
tGLQX
(3)
tOLZ
Output Enable Low to Output Transition
5
5
ns
tAVKH
tLLKH
tBLKH
tWHKH
tCHKH
tSP
Set-up Time to Active Clock Edge
3
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com