Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341IDBVR
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV341IDBVR Datasheet HTML 1Page - Texas Instruments TLV341IDBVR Datasheet HTML 2Page - Texas Instruments TLV341IDBVR Datasheet HTML 3Page - Texas Instruments TLV341IDBVR Datasheet HTML 4Page - Texas Instruments TLV341IDBVR Datasheet HTML 5Page - Texas Instruments TLV341IDBVR Datasheet HTML 6Page - Texas Instruments TLV341IDBVR Datasheet HTML 7Page - Texas Instruments TLV341IDBVR Datasheet HTML 8Page - Texas Instruments TLV341IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLV341, TLV342, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568B − JANUARY 2005 − REVISED DECEMBER 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The TLV341 (single) also offers a shutdown (SHDN) pin that can be used to disable the device. In shutdown
mode, the supply current is reduced to 45 pA (typ). Offered in both the SOT-23 and smaller SC-70 packages,
the TLV341 is suitable for the most space-constrained applications. The dual TLV342 is offered in the standard
SOIC and MSOP packages.
An extended industrial temperature range from −40
°C to 125°C makes the TLV34x suitable in a wide variety
of commercial and industrial applications.
ORDERING INFORMATION
TA
MAX VIO
(25
5C)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT-23 – DBV
Reel of 3000
TLV341IDBVR
YC9_
SOT-23 – DBV
Reel of 250
TLV341IDBVT
YC9_
Single
SC-70 – DCK
Reel of 3000
TLV341IDCKR
Y4_
Single
SC-70 – DCK
Reel of 250
TLV341IDCKT
Y4_
SOT-563 – DRL
Reel of 4000
TLV341IDRLR
Y4_
Standard
SOIC – D
Tube of 75
TLV342ID
TY342
Standard
grade: 4 mV
Dual
SOIC – D
Reel of 2500
TLV342IDR
TY342
grade: 4 mV
Dual
MSOP/VSSOP – DGK
Reel of 2500
TLV342IDGKR
PREVIEW
MSOP/VSSOP – DGK
Reel of 250
TLV342IDGKT
PREVIEW
SOIC – D
Tube of 50
TLV344ID
PREVIEW
Quad
SOIC – D
Reel of 2500
TLV344IDR
PREVIEW
Quad
TSSOP – PW
Tube of 90
TLV344IPWR
PREVIEW
−40
°C to 125°C
TSSOP – PW
Reel of 2000
TLV344IPWR
PREVIEW
−40 C to 125 C
SOT-23 – DBV
Reel of 3000
TLV341AIDBVR
YCG_
Single
SOT-23 – DBV
Reel of 250
TLV341AIDBVT
YCG_
Single
SC-70 – DCK
Reel of 3000
TLV341AIDCKR
Y5_
SC-70 – DCK
Reel of 250
TLV341AIDCKT
Y5_
SOIC – D
Tube of 75
TLV342AID
TY342A
A grade:
Dual
SOIC – D
Reel of 2500
TLV342AIDR
TY342A
A grade:
1.25 mV
Dual
MSOP/VSSOP – DGK
Reel of 2500
TLV342AIDGKR
PREVIEW
1.25 mV
MSOP/VSSOP – DGK
Reel of 250
TLV342AIDGKT
PREVIEW
SOIC – D
Tube of 50
TLV344AID
PREVIEW
Quad
SOIC – D
Reel of 2500
TLV344AIDR
PREVIEW
Quad
TSSOP – PW
Tube of 90
TLV344AIPWR
PREVIEW
TSSOP – PW
Reel of 2000
TLV344AIPWR
PREVIEW
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com