Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS90130 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 2 Page - NXP Semiconductors

  FXLS90130 Datasheet HTML 1Page - NXP Semiconductors FXLS90130 Datasheet HTML 2Page - NXP Semiconductors FXLS90130 Datasheet HTML 3Page - NXP Semiconductors FXLS90130 Datasheet HTML 4Page - NXP Semiconductors FXLS90130 Datasheet HTML 5Page - NXP Semiconductors FXLS90130 Datasheet HTML 6Page - NXP Semiconductors FXLS90130 Datasheet HTML 7Page - NXP Semiconductors FXLS90130 Datasheet HTML 8Page - NXP Semiconductors FXLS90130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
• I2C compatible serial interface (UM10204[1])
– Slave mode operation
– Standard mode, fast mode, and fast mode plus support
• Programmable arming function
• DSP
– Up to a fourth order low-pass filter with rolloff frequency options from 12.5 Hz to 1500
Hz
– Optional single pole high pass filter with fast startup and output rate
• Limiting
– Optional moving average
– Optional 16 to 1 output interpolation
• Pb-free 16-Pin QFN 4 mm x 4 mm x 1.45 mm package
3 Applications
3.1 Automotive
• Airbag, Collision/Crash detection
• Active suspension vibration monitoring
3.2 Industrial
• Machine condition monitoring
4 Ordering information
Package
Type number
Name
Description
Version
FXLS9xxxxAESR2
Plastic, thermal enhanced low profile quad flat non-leaded package; 16
terminals; 0.8 mm pitch; 4 mm x 4 mm x 1.45 mm body
SOT1688-1(SC)
FXLS9xxxxAEBR2
HLQFN16 Plastic, thermal enhanced low profile quad flat non-leaded package,
dimple wettable flank; 16 terminals; 0.8 mm pitch; 4 mm x 4 mm x 1.45
mm body
SOT1688-1(DD)
Table 1. Ordering information
4.1 Ordering options
Channel 0
Device
Axis
Range
Protocol
FXLS90220
X
M
SPI/DSI3
FXLS90230
X
H
SPI/DSI3
FXLS90120
Z
M
SPI/DSI3
FXLS90130
Z
H
SPI/DSI3
FXLS90620
Y
M
SPI/DSI3
FXLS90630
Y
H
SPI/DSI3
Table 2. Ordering options
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
2 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com