| Electronic Components Datasheet Search |
|
FXLS90733 Datasheet(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS90733 Datasheet(HTML) 49 Page - NXP Semiconductors |
|
49 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor TEMP1_ERR Error condition 0 No error detected 1 Over- or Under-Temperature error condition detected Table 66. Channel 1 temperature sensor error (TEMP1_ERR) 11.2.2.21 Channel 0 temperature sensor error (TEMP0_ERR) The channel 0 temperature error bit is set if an over or under temperature condition exists on channel 0. This error is cleared by a read of the DEVSTAT2 register through any communication interface or on a data transmission that includes the error in the status field. See Section 11.2.15.2 for details on a method to disable the automatic clearing of this error in PSI5 mode. TEMP0_ERR Error condition 0 No error detected 1 Over- or Under-Temperature error condition detected Table 67. Channel 0 temperature sensor error (TEMP0_ERR) 11.2.2.22 SPI MISO data mismatch error flag (MISO_ERROR) In SPI mode, the MISO data mismatch flag is set when a MISO Data mismatch fault occurs as specified in Section 14.5.7. The MISO_ERROR bit is cleared by a read of the DEVSTAT3 register through any communication interface, or by a status transmission including the error status through the SPI. MISO_ERROR Error condition 0 Normal operation 1 MISO Data Mismatch Table 68. SPI MISO data mismatch error flag (MISO_ERROR) 11.2.2.23 Oscillator training error (OSCTRAIN_ERR) The oscillator training error bit is set if an error detected in either the oscillator training settings, or the master communication timing. See Section 11.5.2. Once the error condition is corrected, the OSCTRAIN_ERR bit is cleared after a read of the OSCTRAIN_ERR bit through any communication interface, or by a status transmission including the error status through any communication interface. OSCTRAIN_ERR Error condition 0 No error detected 1 Oscillator Training Error. See Section 11.5.2 Table 69. Oscillator training error (OSCTRAIN_ERR) 11.2.3 Communication protocol revision register (COMMREV) The communication protocol revision register is a read-only register which contains the revision for the communication protocol used. This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming Mode. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 49 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |