Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93733 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FXLS93733
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93733 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FXLS93733 Datasheet HTML 60Page - NXP Semiconductors FXLS93733 Datasheet HTML 61Page - NXP Semiconductors FXLS93733 Datasheet HTML 62Page - NXP Semiconductors FXLS93733 Datasheet HTML 63Page - NXP Semiconductors FXLS93733 Datasheet HTML 64Page - NXP Semiconductors FXLS93733 Datasheet HTML 65Page - NXP Semiconductors FXLS93733 Datasheet HTML 66Page - NXP Semiconductors FXLS93733 Datasheet HTML 67Page - NXP Semiconductors FXLS93733 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
PDCM_PER[2] PDCM_PER[1] PDCM_PER[0]
Periodic data collection mode period
1
1
0
1000 µs
1
1
1
2000 µs
Table 96. Periodic data collection mode period (PDCM_PER[3:0])...continued
In DSI3 mode, PDCM, and BDM commands are decoded and responded to regardless
of the value of this register as long as the general PDCM timing parameters specified in
Section 10.11 are met. See Section 11.5.1 for details regarding oscillator training.
In PSI5 synchronous mode, sync pulses are decoded and responded to regardless of the
value of this register as long as the general timing parameters specified in Section 10.12
are met. See Section 11.5.1 for details regarding oscillator training.
In PSI5 asynchronous mode, oscillator training is not applicable.
In PSI5 Programming Mode, oscillator training is not applicable.
In PSI5 Daisy Chain command phase, oscillator training is not applicable.
In SPI mode, sensor data requests are decoded and responded to regardless of the
value of this register as long as the general timing parameters specified in Section 10.13
are met. See Section 11.5.1 for details regarding oscillator training.
In I2C mode, sensor data register reads are decoded and responded to regardless of the
value of this register as long as the general timing parameters specified in Section 10.14
are met. See Section 11.5.1 for details regarding oscillator training.
11.2.14.2 Oscillator training protocol selection bit (OSCTRAIN_SEL)
The oscillator training selection bit selects the protocol to use for oscillator training for the
COMMTYPE values that enable multiple protocols as shown in Table 97.
COMMTYPE
OSCTRAIN_SEL
Protocol to use for oscillator training
0
DSI3
0
1
SPI
0
PSI5
1
1
SPI
2
x
SPI
3
x
DSI3
4
x
SPI
5
x
PSI5
6
x
I2C
7
x
I2C
Table 97. Oscillator training protocol selection bit (OSCTRAIN_SEL)
11.2.14.3 Clock calibration value reset (CK_CAL_RST)
The clock calibration reset bit controls the state of the oscillator training when the
CK_CAL_EN bit is cleared as described in the table in Section 11.2.14.5. See
Section 11.5.1 for details regarding oscillator training.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
64 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com