Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6903 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM6903
Description  ISM Front End Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6903 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM6903 Datasheet HTML 1Page - Qorvo, Inc RFFM6903 Datasheet HTML 2Page - Qorvo, Inc RFFM6903 Datasheet HTML 3Page - Qorvo, Inc RFFM6903 Datasheet HTML 4Page - Qorvo, Inc RFFM6903 Datasheet HTML 5Page - Qorvo, Inc RFFM6903 Datasheet HTML 6Page - Qorvo, Inc RFFM6903 Datasheet HTML 7Page - Qorvo, Inc RFFM6903 Datasheet HTML 8Page - Qorvo, Inc RFFM6903 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RFFM6903
ISM Front End Module
Data Sheet Rev M September 2020 | Subject to change without notice 4 of 10
www.qorvo.com
Parameter
Conditions
Min.
Typ.
Max.
Units
Control Voltage - High
1.6
4
V
Control Current - High
0.1
µA
Control Voltage - Low
0.2
0.3
V
Control Current - Low
0.1
µA
VAPC High Current
Across all rated voltages at rated power
50
µA
Thermal Resistance, θjc
3.6V VCC, 100% Duty, 30.2 dBm POUT, TREF =
85° C
24.73
°C/W
Notes:
1. 868MHz data available upon request.
Logic Truth Table
Mode
TR
EN
BYP
PA
LNA
Transmit
High
High
Low
On
Off
Transmit Bypass
High
High
High
Off
Off
Receive
Low
High
Low
Off
On
Receive Bypass
Low
High
High
Off
Off
Shutdown
X
Low
X
Off
Off
Typical Performance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com