Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA12-800SW Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA12-800SW
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA12-800SW Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA12-800SW Datasheet HTML 1Page - Inchange Semiconductor Company Limited BTA12-800SW Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTA12-800SW
FEATURES
·
With TO-220AB insulated package
·
Suitable for general purpose AC switching. Which can be
used as an ON/OFF function in applications such as static relays,
heating regulation,induction motor starting circuits. Or for phase
control operation in light dimmers, motor speed controllers etc.
·
Minimum Lot-to-Lot variations for robust device performance and
reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)Tc=90℃
12
A
ITSM
Non-repetitive peak on-state current
tp=20ms
120
A
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
Rth(j-c)
Thermal resistance, junction to case
2.3
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM
5
uA
VR=VRRM, Tj=125℃
1
mA
IDRM
Repetitive peak off-state current
VR=VRRM
5
uA
VR=VRRM, Tj=125℃
1
mA
IGT
Gate trigger current
Ⅰ
-Ⅱ-Ⅲ VD=12V; RL= 30Ω
10
mA
IH
Holding current
IGT= 0.1A, Gate Open
15
mA
VGT
Gate trigger voltage
Ⅰ
-Ⅱ-Ⅲ VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 17A; tp= 380μs
1.55
V


Similar Part No. - BTA12-800SW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-800SW STMICROELECTRONICS-BTA12-800SW Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Kersemi Electronic Co.,...
BTA12-800SW KERSEMI-BTA12-800SW Datasheet
1,011Kb / 5P
12A TRIACS
logo
Shenzhen Luguang Electr...
BTA12-800SW LUGUANG-BTA12-800SW Datasheet
1Mb / 5P
12A Ⅲ&Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
logo
STMicroelectronics
BTA12-800SWRG STMICROELECTRONICS-BTA12-800SWRG Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
BTA12-800SWRG STMICROELECTRONICS-BTA12-800SWRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - BTA12-800SW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com