Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-61006 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-61006
Description  GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-61006 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-61006 Datasheet HTML 1Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 2Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 3Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 4Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 5Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 6Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 7Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
G008.B (2/01)
GENERAL PURPOSE
TRANSFORMERS
2 Watt Pulse, Electrostatically Shielded,
and 500 mW Pulse Transformers
.443
MAX
11,25
.650
MAX
16,51
PE-XXXXX
DATE CODE CTRY ORIGIN
.400
MAX
10,16
.025
MIN
0,64
.500
MIN
12,70
#22 AWG
SOLDERABLE LEADS
7
5
1
8
6
4
2
.500
12,70
.300
7,62
.100
TYP
2,54
TH2/TH4: 2 WINDING WITH
SHIELD OR 3 WINDING
.500
12,70
.300
7,62
.100
TYP
2,54
TH3/TH5: 2 WINDING WITH CT
AND SHIELD OR 3 WINDING
WITH SHIELD
.300
7,62
.500
12,70
.300
7,62
TH1: 2 WINDING
BOTTOM VIEWS
.350
MAX
8,89
.500
MAX
12,70
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
.070
MIN
1,78
.250
MAX
6,35
.500
MIN
12,70
5
3
1
6
4
2
#24 AWG
SOLDERABLE LEADS
.400
10,16
.200
5,08
.100
2,54
TH6/TH7: 3 WINDING OR
2 WINDING WITH CT
.400
10,16
.200
5,08
TH8: 2 WINDING
BOTTOM VIEWS
Mechanicals
Dimensions:
inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions:
inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Part
Weight
Tube
Number
(Grams)
TH6*
1.3
60/67*
TH7 (PE-8270, PE-8271,
1.4
60
PE-8272)
TH7 (PE-8276,PE-8277)
1.3
60
TH8
1.1
60
*NOTE: TH6 (66Z1203/66Z1212)
Dimensions:
inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight ................... 1.2 grams
Tube ........................... 28/tube
.015
MIN
0,38
.285
7,24
.018
TYP
0,46
23Z81
Date Code
Country of Origin
.100
TYP
2,54
.600
±
.010
15,24 0,25
.800
20,32
.200
5,08
.125
±
.020
3,18 .0,51
.250
MAX
6,35
.340
±
.020
8,64
0,51
Part
Weight
Tube
Number
(Grams)
TH1*/TH2
3.9
45
TH3/TH5
4.2
45
TH4
4.0
45
*Except
PE-4290X
4.1
45
TH1 to TH5
TH6 to TH8
TH9
U.S: 858 674 8100
••••• U.K: 44 1483 401 700 ••••• France: 33 3 84 35 04 04 ••••• Singapore: 65 287 8998 ••••• Taiwan: 886 2 2698 0228 ••••• http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com