Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624P0LP Datasheet(PDF) 20 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 16Page - STMicroelectronics VS6624P0LP Datasheet HTML 17Page - STMicroelectronics VS6624P0LP Datasheet HTML 18Page - STMicroelectronics VS6624P0LP Datasheet HTML 19Page - STMicroelectronics VS6624P0LP Datasheet HTML 20Page - STMicroelectronics VS6624P0LP Datasheet HTML 21Page - STMicroelectronics VS6624P0LP Datasheet HTML 22Page - STMicroelectronics VS6624P0LP Datasheet HTML 23Page - STMicroelectronics VS6624P0LP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Frame control
VS6624
20/100
Rev 1
Horizontal mirror and vertical flip
The image data output from the VS6624 can be mirrored horizontally or flipped vertically (or
both).
Video pipe setup
The VS6624 has a single video pipe, the control of this pipe can be loaded from either of two
possible setups Pipesetupbank0 and Pipesetupbank1;
Pipe setup bank0 and Pipe setup bank1, control the operations shown below,
image size
zoom control
pan control
Crop control
Image format (YUV 4:2:2, RGB565, etc....)
Image controls (Contrast, Color saturation, Horizontal and vertical flip)
Pipe 0 RGB to YUV matrix manual control and Pipe 1 RGB to YUV matrix manual control,
allow different RGB to YUV matrixes to be used for each pipe setup,
Pipe 0 gamma manual control and Pipe 1 Gamma manual control, allow different gamma
settings to be used for each pipe setup.
Context switching
In normal operation, it is possible to control which pipe setup bank is used and to switch
between banks without the need to stop streaming, the change will occur at the next frame
boundary after the change to the register has been made.
For example this function allows the VS6624 to stream an output targeting a display (e.g.
QQVGA RGB 444) then switch to capture an image (e.g. SXGA YUV 4:2:2) with no need to
stop streaming or enter any other operating mode.
It is important to note the output size selected for both pipe setups must be appropriate to
the sensor mode used, i.e. to configure PipeSetupBank0 to QQVGA and PipeSetupBank1
to SXGA the sensor mode must be set to SXGA.
The register
Mode setup allows selection of the pipe setup bank, by default the Pipe setup
bank 0 is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com