Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC60N20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC60N20
Description  HiPerFET MOSFET ISOPLUS220TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC60N20 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC60N20 Datasheet HTML 1Page - IXYS Corporation IXFC60N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C60
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
240
A
I
AR
T
C
= 25
°C60
A
E
AR
T
C
= 25
°C30
mJ
E
AS
T
C
= 25
°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
230
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
Weight
3g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 µA
200
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = IT
33 m
Ω
Notes 1, 2
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM Family
G = Gate,
D = Drain,
S = Source
* Patent pending
HiPerFETTM MOSFET
IXFC 60N20
V
DSS
= 200 V
ISOPLUS220TM
I
D25
= 60 A
Electrically Isolated Back Surface
R
DS(on)
= 33 m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ns
98843 (6/01)
G
D
S
ADVANCE TECHNICAL INFORMATION
ISOPLUS 220TM
Features
l Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
-Isolatedmountingsurface
-2500Velectricalisolation
l Lowdraintotabcapacitance(<35pF)
l Low R
DS (on)
l Ruggedpolysilicongatecellstructure
l UnclampedInductiveSwitching(UIS)
rated
l FastintrinsicRectifier
Applications
l DC-DC converters
l Batterychargers
l Switched-modeandresonant-mode
power supplies
l DC choppers
l ACmotorcontrol
Advantages
l Easyassembly:noscrewsorisolation
foilsrequired
l Space savings
l High power density
l Lowcollectorcapacitancetoground
(low EMI)
Isolated back surface*


Similar Part No. - IXFC60N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC60N20 ISC-IXFC60N20 Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC60N20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
VMO550-01F IXYS-VMO550-01F Datasheet
46Kb / 2P
HiPerFET MOSFET Module
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
DSEA16-06AC IXYS-DSEA16-06AC Datasheet
514Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220TM
DSEA59-06BC IXYS-DSEA59-06BC Datasheet
526Kb / 2P
HiPerFREDTM Epitaxial Diode ISOPLUS220TM
IXFC13N50 IXYS-IXFC13N50 Datasheet
512Kb / 2P
HiPerFET MOSFET ISOPLUS220
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com