Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM28014 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QM28014
Description  MHB, GNSS, and 2.4G WiFi Antennaplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM28014 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QM28014 Datasheet HTML 13Page - Qorvo, Inc QM28014 Datasheet HTML 14Page - Qorvo, Inc QM28014 Datasheet HTML 15Page - Qorvo, Inc QM28014 Datasheet HTML 16Page - Qorvo, Inc QM28014 Datasheet HTML 17Page - Qorvo, Inc QM28014 Datasheet HTML 18Page - Qorvo, Inc QM28014 Datasheet HTML 19Page - Qorvo, Inc QM28014 Datasheet HTML 20Page - Qorvo, Inc QM28014 Datasheet HTML 21Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
QM28014
MHB, GNSS, and 2.4G WiFi Antennaplexer
QM28014 Preliminary Data Sheet rev G
Subject to change without notice
20 of 21
www.qorvo.com
Handling Precautions
PARAMETER
RATING
STANDARD
Caution!
ESD sensitive device
ESD – Human Body Model (HBM)
Class 1B
ESDA/JEDEC JS-001
ESD – Charged Device Model (CDM)
Class C3
ESDA/JEDEC JS-002
MSL – Moisture Sensitivity Level
Level 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
Package lead plating: Electrolytic plated Au over Ni
RoHS Compliance
This part is compliant with the 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment), as amended by Directive 2015/863/EU.
This product also has the following attributes:
•
Lead free
•
Halogen Free (Chlorine, Bromine)
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
PFOS Free
•
SVHC Free
•
Qorvo Green
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained herein and assumes no responsibility or liability
whatsoever for the use of the information contained herein. All information contained herein is subject to change without notice. Customers should obtain and verify the latest relevant
information before placing orders for Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights,
licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. THIS INFORMATION DOES NOT
CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH
RESPECT TO SUCH PRODUCTS WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR
OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or other
applications where a failure would reasonably be expected to cause severe personal injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com