Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM2B Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # TLM2B
Description  SMD Current Sense Metal Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLM2B Datasheet(HTML) 2 Page - TE Connectivity Ltd

  TLM2B Datasheet HTML 1Page - TE Connectivity Ltd TLM2B Datasheet HTML 2Page - TE Connectivity Ltd TLM2B Datasheet HTML 3Page - TE Connectivity Ltd TLM2B Datasheet HTML 4Page - TE Connectivity Ltd TLM2B Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Current Sense Metal Chip Resistor
1773269-1 CIS WR 01/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Power derating curve
For resistors operated in ambient temperatures above 70°C, power rating
must be derated in accordance with this curve.
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (TCR)
As Spec.
-55°C~+125°C, 25°C is the reference
temperature
Short Term Overload
±(0.5%+0.05Ω)
5 X Rated Power for 5 seconds
Insulation Resistance
≧10G
Max. overload voltage for 1 minute
Endurance
±(1.0%+0.05Ω)
70±2°C, Max. working voltage for 1000
hrs with 1.5 hrs “ON” and 0.5 hrs
“OFF”
Damp Heat with Load
±(1.0%+0.05Ω)
40±2°C, 90~95% R.H. Max. working
voltage for 1000 hrs with 1.5 hrs “ON”
and 0.5 hrs “OFF”
Dry Heat
±(0.5%+0.05Ω)
at +155°C for 1000 hrs
Bending Strength
As Spec.
Bending once for 5 seconds 2010, 2512
sizes: 2mm Other sizes: 3mm
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
±(0.5%+0.05Ω)
260±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area
≦5%
Total leaching area ≦10%
260±5°C for 30 seconds
Rapid Change of
Temperature
±(0.5%+0.05Ω)
-55°C to +155°C, 5 cycles
Reference Standards: IEC 60115-1, 60068-2-58; JIS-C 5201-1
Storage Temperature: 25±3°C; Humidity < 80%RH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com