Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2381 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2381
Description  SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2381 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2381 Datasheet HTML 1Page - New Japan Radio NJM2381 Datasheet HTML 2Page - New Japan Radio NJM2381 Datasheet HTML 3Page - New Japan Radio NJM2381 Datasheet HTML 4Page - New Japan Radio NJM2381 Datasheet HTML 5Page - New Japan Radio NJM2381 Datasheet HTML 6Page - New Japan Radio NJM2381 Datasheet HTML 7Page - New Japan Radio NJM2381 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2381
-7-
s
TIPICAL CHARACTERISTICS
Maximum Duty Cycle vs. Oscillator Frequency
(V+=6V,Ta=25°C)
0
10
20
30
40
50
60
70
80
10
100
1000
Oscillator Frequency fOSC (kHz)
Duty Cycle vs. CS Pin Voltage
(V
+=6V,Ta=25°C)
0
10
20
30
40
50
60
70
80
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
CS Pin Voltage VTHCS (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com