Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69210 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD69210
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69210 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD69210 Datasheet HTML 6Page - Microchip Technology PD69210 Datasheet HTML 7Page - Microchip Technology PD69210 Datasheet HTML 8Page - Microchip Technology PD69210 Datasheet HTML 9Page - Microchip Technology PD69210 Datasheet HTML 10Page - Microchip Technology PD69210 Datasheet HTML 11Page - Microchip Technology PD69210 Datasheet HTML 12Page - Microchip Technology PD69210 Datasheet HTML 13Page - Microchip Technology PD69210 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
...........continued
PD69210
Pin
PD69220
Pin
Designation
Type
Description
24
24
xI2C_MESSAGE_READY
OUT
I2C message ready for reading by the host.
Controller asserts this line low when it has an
answer to the host. Therefore, the host can poll
this line and initiate I2C read cycle only when
the message is ready. After the host reads the
data from the controller, this pin is asserted to
high. (Active Low)
25
25
xINT_OUT
OUT
Interrupt output indication. This line is asserted
low when a pre-configured event is in progress.
(Active Low)
26
19
xRESET
IN/OUT
Host Reset input (Active Low). Controller can
generate self-reset. In this case, the xRESET
pin is driven low by the controller for 100 µs.
See AN3361 for pin connection requirements.
27
27
xLED_LATCH2
OUT
Latch signal for LED stream. (Active Low)
28
16
VSSD
GND
Ground.
29
-
VDD_CORE
Power
1.2 V core voltage connect 1 μF capacitor to
VSSD.
30
15
VDD
Supply
Main 3.3 V supply.
31
10
SWD_CLK
PD69210 use a 1 kΩ pull-up to 3.3 V.
PD69220 leave open or use 1k pull-up.
32
13
SWD_DIO
Leave open.
ePAD
ePAD
ePAD
Connect to VSSA. Must have sufficient copper
mass to ensure adequate thermal performance.
PD69210/PD69220
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com