Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL73H1JR10FTDF Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # RL73H1JR10FTDF
Description  SMD Low Ohmic ??Current Sense Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RL73H1JR10FTDF Datasheet(HTML) 6 Page - TE Connectivity Ltd

  RL73H1JR10FTDF Datasheet HTML 1Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 2Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 3Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 4Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 5Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 6Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 7Page - TE Connectivity Ltd RL73H1JR10FTDF Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD Low Ohmic – Current Sense Resistors
1773269 REV H 12/2018
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (TCR)
As Spec.
JIS-C-5201-1 4.8
IEC-60115-1 4.8
-55°C ~+125°C, 25°C is the
reference temperature
Short Time Overload
±(0.5%+0.05Ω)
JIS C 5201-1 4.13
IEC 60115-1 4.13
RCWV*2.5 or Max. Overload
Voltage whichever is lower for 5
seconds
±(1.0%+0.05Ω)
For High power rating
Insulation Resistance
≥10G
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Max. Overload Voltage for 1
minute
Endurance
±(1.0%+0.05Ω)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70±2°C, RCWV for 1000 hrs
with1.5 hrs “ON” and 0.5 hr off
Damp Heat with Load
±(0.5%+0.05Ω)
JIS-C-5201-1 4.24
IEC-60115-1 4.24
40±2°C, 90~95% R.H., RCWV for
1000 hrs with 1.5 hrs “ON” and
0.5 hr “OFF”
Dry Heat
±(0.5%+0.05Ω)
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
at +155°C for 1000 hrs
Bending Strength
±(1.0%+0.05Ω)
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds with
3mm
2010, 2512 sizes: 2mm
Solderability
95% min. coverage
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245±5°C for 3 seconds
Resistance to Soldering Heat
±(0.5%+0.05Ω)
S-C-5201-1 4.18
IEC-60115-1 4.18
260±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times Max. Operating
Voltage for 1 minute
Leaching
Individual leaching area ≤5%
Total leaching area ≤10%
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
260±5°C for 30 seconds
Rapid Change of Temperature
±(0.5%+0.05Ω)
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +155°C, 5 cycles
RCWV (Rated Continuous Working Voltage) =√(P*R)or Max. Operating Voltage whichever is lower.
Storage Temperature: 15~28°C; Humidity < 80%RH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com