Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5218SQ Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFPA5218SQ
Description  Wi-Fi Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5218SQ Datasheet(HTML) 5 Page - Qorvo, Inc

  RFPA5218SQ Datasheet HTML 1Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 2Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 3Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 4Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 5Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 6Page - Qorvo, Inc RFPA5218SQ Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RFPA5218
Wi-Fi Front End Module
Data Sheet 20160929 | Subject to change without notice
5 of 7
www.qorvo.com
Pin Configuration and Description
Top View
Pin Number
Label
Description
1
RFIN
RF input port for the PA. This port is matched to 50Ω and DC shorted internally.
2
PA_EN
Control voltage.
3
GND
Ground connection.
4
VCC
Supply voltage. See applications schematic for biasing and bypassing components.
5
GND
Ground connection.
6
GND
Ground connection.
7
PDET
Power Detector voltage for the PA. May need external series R/shunt C to adjust voltage level and to
filter RF noise.
8
NC
No connect. This pin is not connected internally and can be left floating or connected to ground.
9
GND
Ground connection
10
RFOUT
RF output port.
This port is matched to 50Ω and DC blocked internally.
11
RFOUT
RF output port.
This port is matched to 50Ω and DC blocked internally.
12
GND
Ground connection
13
VCC2
Supply voltage. See applications schematic for biasing and bypassing components.
14
NC
No connect. This pin is not connected internally and can be left floating or connected to ground.
15
VCC1
Supply voltage. See applications schematic for biasing and bypassing components.
16
GND
Ground connection
Backside
Paddle
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See
PCB Mounting Pattern for suggested footprint.
ADVANCED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com