Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFOS6013 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFOS6013
Description  GaAs Optical Receiver 45MHz to 1200MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFOS6013 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFOS6013 Datasheet HTML 1Page - Qorvo, Inc RFOS6013 Datasheet HTML 2Page - Qorvo, Inc RFOS6013 Datasheet HTML 3Page - Qorvo, Inc RFOS6013 Datasheet HTML 4Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140306
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFOS601X
GaAs Optical Receiver
45MHz to 1200MHz
RFOS601X is a hybrid high dynamic range optical receiver
module. Two of the module pins are for connection to 24V (DC),
one for amplifier supply voltage, the other for the PIN diode bias.
The module contains a single mode optical input suitable for
wavelengths from 1290nm to 1600nm, a terminal to monitor the
PIN diode current and an electrical output with an impedance of
75Ω.
Package: SOT-115J
Features
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Very Low EINC
30.0dB A/W Min. at 1200MHz
250mA Max. at 24V+
Applications
45MHz to 1200MHz CATV
Amplifier Systems
Ordering Information
RFOS6012
Box with 3 Pieces
RFOS6013
Box with 3 Pieces
See Page 3
Absolute Maximum Ratings
Parameter
Rating
Unit
Optical Input Power
5
mW
DC Supply Over-Voltage (5 minutes)
30
V
ESD Sensitivity, Acc. MIL-Standard 1686C
(human body model; R = 1.5k
Ω, C = 100pF)
500
V
Storage Temperature
-40 to +85
°C
Operating Mounting Base Temperature
-20 to +85
°C
Minimum Fiber Bending Radius
35
mm
Maximum Tensile Strength
5
N
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
V+
OPTICAL INPUT
OUTPUT
BIAS
MONITOR
RFOS601X


Similar Part No. - RFOS6013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
Superior Return Loss Performance
More results

Similar Description - RFOS6013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com