Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8511 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM8511
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM8511 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM8511 Datasheet HTML 1Page - Qorvo, Inc RFFM8511 Datasheet HTML 2Page - Qorvo, Inc RFFM8511 Datasheet HTML 3Page - Qorvo, Inc RFFM8511 Datasheet HTML 4Page - Qorvo, Inc RFFM8511 Datasheet HTML 5Page - Qorvo, Inc RFFM8511 Datasheet HTML 6Page - Qorvo, Inc RFFM8511 Datasheet HTML 7Page - Qorvo, Inc RFFM8511 Datasheet HTML 8Page - Qorvo, Inc RFFM8511 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140711
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM8511
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
Rx Port Return Loss
9
12
dB
ANT Port Return Loss
6
10
dB
Nominal Input P1dB
-8
-4
dBm
T = 25°C, VCC = 3.6V
Current Consumption
10
18
mA
LNA_EN Control Current
130
200
µA
LNA Turn On Time
400
600
nS
Receive (ANT-RX)-Bypass
Mode
T = +25°C, VCC = 3.3to 4.2V, C_RX=LNA_EN=High,
PA_EN=Low, Unless otherwise noted.
LNA Bypass Current
2.0
10
µA
Nominal Insertion Loss
6
10
dB
T = 25°C, VCC = 3.6V
RX Port Return Loss
10
20
dB
ANT Port Return Loss
9
20
dB
Nominal Input P1dB
15
20
dBm
T = 25°C, VCC = 3.6V
General Specifications
Control Line Impedance-PA_EN
75
kΩ
Control Line Impedance-LNA_EN
78
kΩ
Control Line Impedance-C_RX
27
MΩ
Switch Control Current – High -
Each Line
5
100
µA
Switch Control Current – Low -
Each Line
0.5
10
µA
Switching Speed
100
500
ns
ESD – Human Body Model
1000
V
ESD – Charge Device Model
500
V
PA Turn-on Time
200
500
ns
10% to 90%
PA Stability
+20
dBm
No spurious above -41.25dBm/MHz up to 4:1 VSWR
Maximum Input Power
12
dBm
Into 50Ω, V
CC = 3.3V, 25°C
12
dBm
6:1 VSWR, VCC = 3.3V, 25°C
5
dBm
10:1 VSWR, VCC = 3.3V, 25°C
Ruggedness
10:1
VSWR
At typical operating conditions
Leakage Current
2
10
uA
VCC = 4.8V, T = 25°C, RF OFF, All control lines floating



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com