Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGF33 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SGF33
Description  For C to Ku-Band Local Oscillator and Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF33 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SGF33 Datasheet HTML 1Page - Sanyo Semicon Device SGF33 Datasheet HTML 2Page - Sanyo Semicon Device SGF33 Datasheet HTML 3Page - Sanyo Semicon Device SGF33 Datasheet HTML 4Page - Sanyo Semicon Device SGF33 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SGF33
No.7196-2/5
S-Parameter
SGF33
VDS=3V IDS=30mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
3000.0000
.725
--100.5
2.808
96.2
.075
42.7
.614
--33.7
4000.0000
.622
--127.5
2.469
78.0
.080
43.8
.578
--42.6
5000.0000
.571
--151.7
2.225
61.0
.085
42.0
.561
--52.2
6000.0000
.534
--174.8
2.010
44.7
.092
40.4
.555
--61.0
7000.0000
.504
162.4
1.822
29.0
.102
38.9
.553
--68.7
8000.0000
.491
139.4
1.669
14.1
.117
36.6
.547
--75.8
9000.0000
.503
117.2
1.550
--.3
.137
32.4
.530
--83.6
10000.0000
.542
97.3
1.458
--14.7
.160
25.9
.494
--93.5
11000.0000
.593
80.4
1.381
--29.4
.186
17.3
.444
--106.7
12000.0000
.640
65.4
1.310
--44.5
.212
7.1
.389
--124.1
13000.0000
.677
51.0
1.238
--60.1
.236
--4.6
.340
--145.5
14000.0000
.707
36.2
1.165
--76.3
.257
--17.3
.300
--170.5
15000.0000
.739
20.7
1.088
--93.5
.274
--31.0
.269
159.6
16000.0000
.796
4.1
.993
--113.3
.293
--45.8
.268
117.3
SGF33
VDS=3V IDS=30mA
FREQUENCY
GUmax
GAmax
S21^2
S12^2
K
Delay
Mason’s U
G1
G2
MHz
dB
dB
dB
dB
ns
dB
dB
dB
3000.0000
14.26
8.97
--22.45
.78
.052
19.888
3.24
2.05
4000.0000
11.74
7.85
--21.95
1.00
.049
19.292
2.13
1.77
5000.0000
10.30
12.06
6.95
--21.39
1.12
.047
18.408
1.71
1.64
6000.0000
9.12
10.69
6.06
--20.70
1.20
.045
16.931
1.46
1.60
7000.0000
8.07
9.61
5.21
--19.79
1.23
.043
15.119
1.28
1.58
8000.0000
7.19
8.86
4.45
--18.63
1.20
.041
13.609
1.20
1.55
9000.0000
6.51
8.56
3.81
--17.29
1.11
.040
12.646
1.27
1.43
10000.0000
6.00
3.27
--15.90
.99
.040
12.159
1.51
1.22
11000.0000
5.64
2.80
--14.61
.89
.041
11.873
1.88
.95
12000.0000
5.35
2.34
--13.48
.81
.042
11.357
2.29
.71
13000.0000
5.05
1.85
--12.54
.77
.044
10.335
2.67
.53
14000.0000
4.74
1.33
--11.81
.75
.046
8.994
3.01
.41
15000.0000
4.50
.74
--11.23
.74
.049
7.729
3.44
.33
16000.0000
4.63
--.06
--10.67
.69
.059
6.753
4.37
.32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com