Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX16374
Description  LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16374 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX16374 Datasheet HTML 1Page - STMicroelectronics 74LCX16374 Datasheet HTML 2Page - STMicroelectronics 74LCX16374 Datasheet HTML 3Page - STMicroelectronics 74LCX16374 Datasheet HTML 4Page - STMicroelectronics 74LCX16374 Datasheet HTML 5Page - STMicroelectronics 74LCX16374 Datasheet HTML 6Page - STMicroelectronics 74LCX16374 Datasheet HTML 7Page - STMicroelectronics 74LCX16374 Datasheet HTML 8Page - STMicroelectronics 74LCX16374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2003
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
fMAX = 150MHz (MIN.) at VCC =3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16374
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX16374 is a low voltage CMOS 16 BIT
D-TYPE FLIP-FLOP with 3 STATE OUTPUTS
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to 5V
signal environment for both inputs and outputs.
These 16 bit D-TYPE flip-flops are controlled by
two clock inputs (nCK) and two output enable in-
puts(nOE). On the positive transition of the (nCK),
the nQ outputs will be set to the logic state that
were setup at the nD inputs. While the (nOE) input
is low, the 8 outputs (nQ) will be in a normal state
(high or low logic level) and while high level the
outputs will be in a high impedance state.
Any output control does not affect the internal op-
eration of flip flops; that is, the old data can be re-
tained or the new data can be entered even while
the outputs are off.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74LCX16374
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)
WITH 5V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74LCX16374TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74LCX16374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16374 FAIRCHILD-74LCX16374 Datasheet
76Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16374 ONSEMI-74LCX16374 Datasheet
237Kb / 10P
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16374G FAIRCHILD-74LCX16374G Datasheet
76Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX16374MEA FAIRCHILD-74LCX16374MEA Datasheet
76Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX16374MTD FAIRCHILD-74LCX16374MTD Datasheet
76Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX16374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
13-May-1997
logo
Fairchild Semiconductor
74LCX16374 FAIRCHILD-74LCX16374 Datasheet
76Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX16821 FAIRCHILD-74LCX16821 Datasheet
80Kb / 8P
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
Feb-2003
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16374 STMICROELECTRONICS-74VCX16374 Datasheet
312Kb / 12P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
ON Semiconductor
74LCX821 ONSEMI-74LCX821 Datasheet
196Kb / 10P
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com