Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24CSW01X Datasheet(PDF) 21 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 21 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 17Page - Microchip Technology AT24CSW01X Datasheet HTML 18Page - Microchip Technology AT24CSW01X Datasheet HTML 19Page - Microchip Technology AT24CSW01X Datasheet HTML 20Page - Microchip Technology AT24CSW01X Datasheet HTML 21Page - Microchip Technology AT24CSW01X Datasheet HTML 22Page - Microchip Technology AT24CSW01X Datasheet HTML 23Page - Microchip Technology AT24CSW01X Datasheet HTML 24Page - Microchip Technology AT24CSW01X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8.
Write Protection
8.1
Hardware Write Protection
The AT24CSW01X/AT24CSW02X utilizes a hardware data protection scheme that allows the user to write‑protect the
entire memory contents when the WP pin is at VCC (or a valid VIH). No write protection will be set if the WP pin is at
GND or left floating.
Table 8-1. AT24CSW01X/AT24CSW02X Write-Protect Behavior
WP Pin Voltage
Part of the Array Protected
VCC
Full Array
GND
None - Write Protection Not Enabled
The status of the WP pin is sampled at the Stop condition for every byte write or page write operation prior to the
start of an internally self‑timed write cycle. Changing the WP pin state after the Stop condition has been sent will not
alter or interrupt the execution of the write cycle. The WP pin state must be valid with respect to the associated setup
(tSU.WP) and hold (tHD.WP) timing as shown in Figure 8-1 below. The WP setup time is the amount of time that the
WP state must be stable before the Stop condition is issued. The WP hold time is the amount of time after the Stop
condition that the WP pin must remain stable.
If an attempt is made to write to the device while the WP pin has been asserted, the device will acknowledge the
device address, word address and data bytes. However, no write cycle will occur when the Stop condition is issued.
The device will immediately be ready to accept a new read or write command.
Figure 8-1. Write-Protect Setup and Hold Timing
8.2
Software Write Protection of the EEPROM Array
The AT24CSW01X/AT24CSW02X utilizes a software scheme that allows a portion or the entire EEPROM to be
inhibited from being written to by modifying the contents of the Write Protection register (WPR). If desired, the WPR
can be set so that it may no longer be modified, thereby making the current protection scheme permanent.
The status of the WPR can be determined by following a random read operation. Changing the state of the WPR is
accomplished with a byte write operation with the requirements outlined in this section.
Accessing the WPR requires the use of 1011b (Bh) as the device type identifier in the device address byte (see
Device Address Byte Requirements for Accessing the Write Protection Register). Following the device type identifier
are the hardware address bits (A2, A1, A0) for which the values are determined by the ordering code of the device
(see Table 6-2). Finally, bit 0 is the Read/Write Select bit where ‘1’ is used for reading and ‘0’ is used for writing.
AT24CSW01X/AT24CSW02X
Write Protection
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com