Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPC120W-F200-R2-EX Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OPC120W-F200-R2-EX
Description  Stationary read device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120W-F200-R2-EX Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OPC120W-F200-R2-EX Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120W-F200-R2-EX Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120W-F200-R2-EX Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120W-F200-R2-EX Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stationary read device
OPC120W-F200-R2-Ex
< Explosion protection for use in Zone 1, Zone 2, Zone 21 and Zone
22
< Reads 1-D and 2-D codes at high speeds of up to 6 m/s at 30
readings/s
< High depth of focus
< Code quality index output
< Logo comparison
< Presence detection
Stationary read device for hazardous area
Function
With the OPC120, Pepperl+Fuchs provides the solution to code reading and detection tasks for many industries and applications.
Whether reading 1D and 2D codes at high speed, at varying intervals, reflective surfaces or a variety of detection tasks, with the OPC120 you
always have the right Vision Sensor at your disposal.
Dimensions
178
202
10
134
Technical Data
General specifications
Light type
Integrated LED lightning (white)
Symbologies
Data Matrix, Code 39, Code 128, Int 2 of 5, EAN13, Pharmacode
Read distance
60 ... 160 mm Nominal distance: 120 mm
Reading field
Minimum read field: 28 mm x 45 mm
Read field at nominal distance: 44 mm x 70 mm
Maximum read field: 60 mm x 95 mm
Modul size
Minimum module size: 0.3 mm
Evaluation frequency
up to 30 Hz
Target velocity
triggered max. 6 m/s
Data Matrix
Symbol size
rectangular up to 144 x 144 modules
rectangular up to 16 x 48 modules
Data format
ASCII, C40, Text, X12, Edifact, Base 256 , all according to ISO 646
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OPC120W-F200-R2-EX

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OPC120W-F200-R2 PF-OPC120W-F200-R2 Datasheet
910Kb / 6P
Stationary read device
More results

Similar Description - OPC120W-F200-R2-EX

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
logo
Pepperl+Fuchs Inc.
ODV120-F200-R2 PF-ODV120-F200-R2 Datasheet
786Kb / 5P
Stationary read device
OPC70P-F201-R2-45 PF-OPC70P-F201-R2-45 Datasheet
846Kb / 5P
Stationary read device
OPC120P-F201-B17 PF-OPC120P-F201-B17 Datasheet
950Kb / 6P
Stationary read device
OPC120P-F201-R2 PF-OPC120P-F201-R2 Datasheet
893Kb / 6P
Stationary read device
OPC120W-F200-R2 PF-OPC120W-F200-R2 Datasheet
910Kb / 6P
Stationary read device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com