Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24CSW080-UUM08-T Datasheet(PDF) 5 Page - Microchip Technology

Part # AT24CSW080-UUM08-T
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 4?멚bit (512 x 8), 8?멚bit (1,024 x 8)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW080-UUM08-T Datasheet(HTML) 5 Page - Microchip Technology

  AT24CSW080-UUM08-T Datasheet HTML 1Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 2Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 3Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 4Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 5Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 6Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 7Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 8Page - Microchip Technology AT24CSW080-UUM08-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
2.
Pin Descriptions
The descriptions of the pins are listed in Table 2-1.
Table 2-1. Pin Function Table
Name
5-Lead SOT23
4-Ball WLCSP
Function
SCL
1
B1
Serial Clock
GND
2
A2
Ground
SDA
3
B2
Serial Data
VCC
4
A1
Device Power Supply
WP(1)
5
—
Write-Protect
Note: 
1.
If the WP pin is not driven, it is internally pulled down to GND. In order to operate in a wide variety of
application environments, the pull‑down mechanism is intentionally designed to be somewhat strong. Once
this pin is biased above the CMOS input buffer’s trip point (~0.5 x VCC), the pull‑down mechanism disengages.
Microchip recommends connecting this pin to a known state whenever possible.
2.1
Serial Clock (SCL)
The SCL pin is used to provide a clock to the device and to control the flow of data to and from the device. Command
and input data present on the SDA pin is always latched in on the rising edge of SCL, while output data on the SDA
pin is clocked out on the falling edge of SCL. The SCL pin must either be forced high when the serial bus is idle or
pulled high using an external pull-up resistor.
2.2
Ground
The ground reference for the power supply. GND should be connected to the system ground.
2.3
Serial Data (SDA)
The SDA pin is an open-drain bidirectional input/output pin used to serially transfer data to and from the device. The
SDA pin must be pulled high using an external pull-up resistor (not to exceed 10 kΩ in value) and may be wire-ORed
with any number of other open-drain or open-collector pins from other devices on the same bus.
2.4
Device Power Supply (VCC)
The Device Power Supply (VCC) pin is used to supply the source voltage to the device. Operations at invalid VCC
voltages may produce spurious results and should not be attempted.
2.5
Write-Protect (WP)
The write-protect input, when connected to GND, allows normal write operations. When the WP pin is connected
directly to VCC, all write operations to the protected memory are inhibited.
If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive coupling that
may appear in customer applications, Microchip recommends always connecting the WP pin to a known state. When
using a pull‑up resistor, Microchip recommends using 10 kΩ or less.
AT24CSW04X/AT24CSW08X
Pin Descriptions
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006426B-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com