Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258AP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM258AP
Description  Industry-Standard Dual Operational Amplifiers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM258AP Datasheet(HTML) 4 Page - Texas Instruments

  LM258AP Datasheet HTML 1Page - Texas Instruments LM258AP Datasheet HTML 2Page - Texas Instruments LM258AP Datasheet HTML 3Page - Texas Instruments LM258AP Datasheet HTML 4Page - Texas Instruments LM258AP Datasheet HTML 5Page - Texas Instruments LM258AP Datasheet HTML 6Page - Texas Instruments LM258AP Datasheet HTML 7Page - Texas Instruments LM258AP Datasheet HTML 8Page - Texas Instruments LM258AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
5 Device Comparison Table
PART NUMBER
SUPPLY
VOLTAGE
TEMPERATURE
RANGE
VOS (MAXIMUM
AT 25°C)
IQ / CH (TYPICAL AT
25°C)
INTEGRATED EMI
FILTER
PACKAGE
LM358B
3 V–36 V
–40°C to 85°C
3 mV
300 µA
Yes
D, DDF, DGK, PW
LM2904B
3 V–36 V
–40°C to 125°C
3 mV
300 µA
Yes
D, DDF, DGK, PW
LM358
3 V–32 V
0°C to 70°C
7 mV
350 µA
No
D, PW, DGK, P, PS
LM2904
3 V–26 V
–40°C to 125°C
7 mV
350 µA
No
D, PW, DGK, P, PS
LM358A
3 V–32 V
0°C to 70°C
3 mV
350 µA
No
D, PW, DGK, P
LM2904V
3 V–32 V
–40°C to 125°C
7 mV
350 µA
No
D, PW
LM158
3 V–32 V
–55°C to 125°C
5 mV
350 µA
No
JG, FK
LM158A
3 V–32 V
–55°C to 125°C
3 mV
350 µA
No
JG, FK
LM258
3 V–32 V
–25°C to 85°C
5 mV
350 µA
No
D, DGK, P
LM258A
3 V–32 V
–25°C to 85°C
3 mV
350 µA
No
D, DGK, P
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068Z – JUNE 1976 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com