Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR30 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TR30
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TR30 Datasheet HTML 1Page - M-System Co.,Ltd. TR30 Datasheet HTML 2Page - M-System Co.,Ltd. TR30 Datasheet HTML 3Page - M-System Co.,Ltd. TR30 Datasheet HTML 4Page - M-System Co.,Ltd. TR30 Datasheet HTML 5Page - M-System Co.,Ltd. TR30 Datasheet HTML 6Page - M-System Co.,Ltd. TR30 Datasheet HTML 7Page - M-System Co.,Ltd. TR30 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 2/8
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Connection
RUN contact output, power supply: M3 separable screw
terminal (torque 0.5 N·m)
Ethernet: RJ-45 modular jack
Internal bus: Via the Installation Base (model: R30BS)
Internal power: Via the Installation Base (model: R30BS)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 0.75 mm2
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Max. number of R30 I/O modules: 16
(Max. consumption current of I/O modules: 500 mA)
Isolation: Ethernet to internal bus or internal power to RUN
contact output to power supply to FE
Calendar clock: Year (4 digits), month, date, day, hour,
minute, second
Read rate: Approx. ≤ 1 msec. (Connected max. modules)
Indicator LEDs: PWR, TR30 RUN, RECORD, SD CARD, ERROR
(Refer to the insruction manual)
■ RUN CONTACT OUTPUT
RUN contact output: Turns on (closed) at normal operation
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA (AC) or 30 W (DC)
Minimum load: 5 V DC @ 10 mA
Mechanical life: 2 × 107 cycles (rate 300 cycles/min.) When
driving an inductive load, external contact protection and
noise quenching recommended.
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.
R30 CONNECTION
■ TR30 INSTALL POSITION
Install to PWR slot (most left slot) and COM slot (right next
to PWR slot).
■ COMPATIBLE R30 SERIES MODULES
TYPE
MODEL
Base
R30BS
Discrete input
R30XN16A
Discrete output
R30YN16A, R30YN16C
DC voltage/current input
R30SV2, R30SV4
DC voltage/current input, high speed R30SVF4
Thermocouple input
R30TS4
RTD input
R30RS4
Potentiometer input
R30MS4
AC current input
R30CT4E
Universal input
R30US2, R30US4
Totalized pulse input
R30PA2
Blank filler
R30DM
ETHERNET COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: TCP/IP, Modbus/TCP, HTTP, SLMP, FTP, SMTP, SNTP
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
Ethernet indicator LED: DPX, LNK
IP address: 192.168.0.1 (factory setting)
INSTALLATION
Power consumption
•DC: Approx. 18 W 24 V DC (@ output current max. 500
mA)
Internal power
• Max. rated output voltage / current: 21 V DC / 500 mA
Total current consumed at the R30 I/O modules used
combination with TR30 must be within above current.
Operating temperature: 0 to 50°C (32 to 122°F)
Storage temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 300 g (0.66 lb)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com