Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL601-01 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL601-01
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-01 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL601-01 Datasheet HTML 1Page - PhaseLink Corporation PLL601-01 Datasheet HTML 2Page - PhaseLink Corporation PLL601-01 Datasheet HTML 3Page - PhaseLink Corporation PLL601-01 Datasheet HTML 4Page - PhaseLink Corporation PLL601-01 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL601-01
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
MULTIPLIER SELECT TABLE
S3
S2
S1
S0
CLK
0
0
0
0
Test
0
0
0
1
Input x 11
0
0
1
0
Input x 1
0
0
1
1
Input x 3
0
1
0
0
Input x 4
0
1
0
1
Input x 5
0
1
1
0
Input x 6
0
1
1
1
Input x 8
1
0
0
0
Input x 7
1
0
1
0
Input x 2
1
0
1
1
Input x 9
1
1
0
0
Input x 8
1
1
0
1
Input x 10
1
1
1
0
Input x 12
1
1
1
1
Input x 16
Name
Number
Type
Description
CLK
1
O
Clock output. Equals the input frequency times selected multiplier.
REFEN
2
I
Reference clock enable. When Low, it disables REFOUT. When High, it
enables REFOUT.
VDD
3,4,5
P
Power Supply.
XOUT
6
O
Crystal output.
S1
7
I
Multiplier Select Pin 1. Determines CLK output. Has internal pull-up.
XIN
8
I
Crystal input to be connected to 10-27MHz fundamental parallel mode crys-
tal (CL=15pF). On chip load capacitors: No external capacitor required.
S2
9
I
Multiplier Select Pin 2. Determines CLK output. Has internal pull-up.
S3
10
I
Multiplier Select Pin 3. Determines CLK output. Has internal pull-up.
S0
11
I
Multiplier Select Pin 0. Determines CLK output. Has internal pull-up.
OE
12
I
Output Enable. Tri-state CLK and REFOUT when low. Has internal pull-up.
REFOUT
13
O
Buffered crystal oscillator clock output. Controlled by REFEN.
GND
14,15,16
P
Ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com